| Electronic Components Datasheet Search |
|
CS47L85 Datasheet(PDF) 8 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L85 Datasheet(HTML) 8 Page - Cirrus Logic |
|
8 / 370 page ![]() CS47L85 8 Rev 4.3 ORDERING INFORMATION ORDER CODE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE CS47L85-CWZR -40 C to +85C W-CSP (Pb-free, Tape and reel) MSL1 260 C Note: Reel quantity = 4500 PIN DESCRIPTION A description of each pin on the CS47L85 is provided below. Note that a table detailing the associated power domain for every input and output pin is provided on the following page. Note that, where multiple pins share a common name, these pins should be tied together on the PCB. All Digital Output pins are CMOS outputs, unless otherwise stated. PIN NO NAME TYPE DESCRIPTION H2 AGND1 Supply Analogue ground (Return path for AVDD1) D14 AGND2 Supply Analogue ground (Return path for AVDD2) H13 AIF1BCLK/ GPIO16 Digital Input / Output Audio interface 1 bit clock / GPIO16. GPIO output is selectable CMOS or Open Drain; BCLK output is CMOS. H12 AIF1LRCLK/ GPIO18 Digital Input / Output Audio interface 1 left / right clock / GPIO18. GPIO output is selectable CMOS or Open Drain; LRCLK output is CMOS. G12 AIF1RXDAT/ GPIO17 Digital Input / Output Audio interface 1 RX digital audio data / GPIO17. GPIO output is selectable CMOS or Open Drain. G11 AIF1TXDAT/ GPIO15 Digital Input / Output Audio interface 1 TX digital audio data / GPIO15. GPIO output is selectable CMOS or Open Drain; TXDAT output is CMOS. M12 AIF2BCLK/ GPIO20 Digital Input / Output Audio interface 2 bit clock / GPIO20. GPIO output is selectable CMOS or Open Drain; BCLK output is CMOS. L10 AIF2LRCLK/ GPIO22 Digital Input / Output Audio interface 2 left / right clock / GPIO22. GPIO output is selectable CMOS or Open Drain; LRCLK output is CMOS. N13 AIF2RXDAT/ GPIO21 Digital Input / Output Audio interface 2 RX digital audio data / GPIO21. GPIO output is selectable CMOS or Open Drain. L11 AIF2TXDAT/ GPIO19 Digital Input / Output Audio interface 2 TX digital audio data / GPIO19. GPIO output is selectable CMOS or Open Drain; TXDAT output is CMOS. M4 AIF3BCLK/ GPIO24 Digital Input / Output Audio interface 3 bit clock / GPIO24. GPIO output is selectable CMOS or Open Drain; BCLK output is CMOS. K4 AIF3LRCLK/ GPIO26 Digital Input / Output Audio interface 3 left / right clock / GPIO26. GPIO output is selectable CMOS or Open Drain; LRCLK output is CMOS. N4 AIF3RXDAT/GPIO2 5 Digital Input / Output Audio interface 3 RX digital audio data / GPIO25. GPIO output is selectable CMOS or Open Drain. L4 AIF3TXDAT/GPIO2 3 Digital Input / Output Audio interface 3 TX digital audio data / GPIO23. GPIO output is selectable CMOS or Open Drain; TXDAT output is CMOS. M7 AIF4BCLK/ GPIO28 Digital Input / Output Audio interface 4 bit clock / GPIO28. GPIO output is selectable CMOS or Open Drain; BCLK output is CMOS. N8 AIF4LRCLK/ GPIO30 Digital Input / Output Audio interface 4 left / right clock / GPIO30. GPIO output is selectable CMOS or Open Drain; LRCLK output is CMOS. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |