Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L85 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 29Page - Cirrus Logic CS47L85 Datasheet HTML 30Page - Cirrus Logic CS47L85 Datasheet HTML 31Page - Cirrus Logic CS47L85 Datasheet HTML 32Page - Cirrus Logic CS47L85 Datasheet HTML 33Page - Cirrus Logic CS47L85 Datasheet HTML 34Page - Cirrus Logic CS47L85 Datasheet HTML 35Page - Cirrus Logic CS47L85 Datasheet HTML 36Page - Cirrus Logic CS47L85 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 370 page
background image
CS47L85
Rev 4.3
33
Test Conditions
The following timing information is valid across the full range of recommended operating conditions.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Internal Clocking
SYSCLK frequency
SYSCLK_FREQ=000, SYSCLK_FRAC=0
-1%
6.144
+1%
MHz
SYSCLK_FREQ=000, SYSCLK_FRAC=1
-1%
5.6448
+1%
SYSCLK_FREQ=001, SYSCLK_FRAC=0
-1%
12.288
+1%
SYSCLK_FREQ=001, SYSCLK_FRAC=1
-1%
11.2896
+1%
SYSCLK_FREQ=010, SYSCLK_FRAC=0
-1%
24.576
+1%
SYSCLK_FREQ=010, SYSCLK_FRAC=1
-1%
22.5792
+1%
SYSCLK_FREQ=011, SYSCLK_FRAC=0
-1%
49.152
+1%
SYSCLK_FREQ=011, SYSCLK_FRAC=1
-1%
45.1584
+1%
SYSCLK_FREQ=100, SYSCLK_FRAC=0
-1%
98.304
+1%
SYSCLK_FREQ=100, SYSCLK_FRAC=1
-1%
90.3168
+1%
ASYNCCLK frequency
ASYNC_CLK_FREQ=000
-1%
6.144
+1%
MHz
-1%
5.6448
+1%
ASYNC_CLK_FREQ=001
-1%
12.288
+1%
-1%
11.2896
+1%
ASYNC_CLK_FREQ=010
-1%
24.576
+1%
-1%
22.5792
+1%
ASYNC_CLK_FREQ=011
-1%
49.152
+1%
-1%
45.1584
+1%
ASYNC_CLK_FREQ=100
-1%
98.304
+1%
-1%
90.3168
+1%
DSPCLK frequency
5
150
MHz
Note:
When MCLK1 or MCLK2 is selected as a source for SYSCLK or ASYNCCLK (either directly or via one of the FLLs), the frequency must be
within 1% of the applicable SYSCLK_FREQ or ASYNCCLK_FREQ register setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com