Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L85 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 7Page - Cirrus Logic CS47L85 Datasheet HTML 8Page - Cirrus Logic CS47L85 Datasheet HTML 9Page - Cirrus Logic CS47L85 Datasheet HTML 10Page - Cirrus Logic CS47L85 Datasheet HTML 11Page - Cirrus Logic CS47L85 Datasheet HTML 12Page - Cirrus Logic CS47L85 Datasheet HTML 13Page - Cirrus Logic CS47L85 Datasheet HTML 14Page - Cirrus Logic CS47L85 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 370 page
background image
CS47L85
Rev 4.3
11
PIN NO
NAME
TYPE
DESCRIPTION
C2
IN2ARP
Analogue Input
Right channel single-ended Mic/Line input /
Right channel positive differential Mic/Line input
F2
IN2BLN
Analogue Input
Left channel negative differential Mic/Line input.
Also suitable for connection to external accessory interfaces.
F1
IN2BLP
Analogue Input
Left channel single-ended Mic/Line input /
Left channel positive differential Mic/Line input.
Also suitable for connection to external accessory interfaces.
F3
IN2BR
Analogue Input
Right channel single-ended Mic/Line input.
Also suitable for connection to external accessory interfaces.
E4
IN3LN/
DMICCLK3
Analogue Input / Digital
Output
Left channel negative differential Mic/Line input /
Digital MIC clock output 3
E3
IN3LP
Analogue Input
Left channel single-ended Mic/Line input /
Left channel positive differential Mic/Line input
D1
IN3RN/
DMICDAT3
Analogue input / Digital
Input
Right channel negative differential Mic/Line input /
Digital MIC data input 3
D2
IN3RP
Analogue Input
Right channel single-ended Mic/Line input /
Right channel positive differential Mic/Line input
F11
IRQ
¯¯¯
Digital Output
Interrupt Request (IRQ) output (default is active low).
The pin configuration is selectable CMOS or Open Drain.
C11
JACKDET1
Analogue Input
Jack detect input 1
C12
JACKDET2
Analogue Input
Jack detect input 2
E13
LDOENA
Digital Input
Enable pin for LDO1 (generates DCVDD supply).
Logic 1 input enables LDO1. If using external DCVDD supply, then
LDO1 is not used, and LDOENA must be held at logic 0.
F14
LDOVDD
Supply
Supply for LDO1
E14
LDOVOUT
Analogue Output
LDO1 output.
If using external DCVDD, then LDOVOUT must be left floating.
F12
MCLK1
Digital Input
Master clock 1
M13
MCLK2
Digital Input
Master clock 2
A3
MICBIAS1
Analogue Output
Microphone bias 1
A2
MICBIAS2
Analogue Output
Microphone bias 2
B4
MICBIAS3
Analogue Output
Microphone bias 3
B3
MICBIAS4
Analogue Output
Microphone bias 4
B14
MICDET1/
HPOUT1FB2
Analogue Input
Microphone & accessory sense input 1/
HPOUT1L and HPOUT1R ground feedback pin 2
A4
MICVDD
Analogue Output
LDO2 output decoupling pin (generated internally by CS47L85).
(Can also be used as reference/supply for external microphones.)
K12
MIF1SCLK/
GPIO9
Digital Input / Output
Master (I2C) Interface 1 clock output / GPIO9.
GPIO output is selectable CMOS or Open Drain;
SCLK output is Open Drain.
L12
MIF1SDA/
GPIO10
Digital Input / Output
Master (I2C) Interface 1 data input and output / GPIO10.
GPIO output is selectable CMOS or Open Drain;
SDA output is Open Drain.
M10
MIF2SCLK/
GPIO11
Digital Input / Output
Master (I2C) Interface 2 clock output / GPIO11.
GPIO output is selectable CMOS or Open Drain;
SCLK output is Open Drain.
L9
MIF2SDA/
GPIO12
Digital Input / Output
Master (I2C) Interface 2 data input and output / GPIO12.
GPIO output is selectable CMOS or Open Drain;
SDA output is Open Drain.
M5
MIF3SCLK/
GPIO13
Digital Input / Output
Master (I2C) Interface 3 clock output / GPIO13.
GPIO output is selectable CMOS or Open Drain;
SCLK output is Open Drain.
L5
MIF3SDA/
GPIO14
Digital Input / Output
Master (I2C) Interface 3 data input and output / GPIO14.
GPIO output is selectable CMOS or Open Drain;
SDA output is Open Drain.
F13
RESET
¯¯¯¯¯¯
Digital Input
Digital Reset input (active low)
M14
SLIMCLK
Digital Input / Output
SLIM Bus Clock input / output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com