Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L85 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 27Page - Cirrus Logic CS47L85 Datasheet HTML 28Page - Cirrus Logic CS47L85 Datasheet HTML 29Page - Cirrus Logic CS47L85 Datasheet HTML 30Page - Cirrus Logic CS47L85 Datasheet HTML 31Page - Cirrus Logic CS47L85 Datasheet HTML 32Page - Cirrus Logic CS47L85 Datasheet HTML 33Page - Cirrus Logic CS47L85 Datasheet HTML 34Page - Cirrus Logic CS47L85 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 370 page
background image
CS47L85
Rev 4.3
31
TYPICAL SIGNAL LATENCY
OPERATING MODE
TEST CONDITIONS
LATENCY
INPUT
OUTPUT
DIGITAL CORE
AIF to DAC Stereo Path
Digital input (AIFn) to analogue
output (HPOUT).
fs = 192kHz
fs = 192kHz
Synchronous
235µs
fs = 96kHz
fs = 96kHz
Synchronous
261µs
fs = 48kHz
fs = 48kHz
Synchronous
335µs
fs = 44.1kHz
fs = 44.1kHz
Synchronous
361µs
fs = 16kHz
fs = 16kHz
Synchronous
552µs
fs = 8kHz
fs = 8kHz
Synchronous
1080µs
fs = 8kHz
fs = 48kHz
Isochronous
1720µs
fs = 16kHz
fs = 48kHz
Isochronous
995µs
fs = 8kHz
fs = 44.1kHz
Asynchronous
1790µs
fs = 16kHz
fs = 44.1kHz
Asynchronous
1067µs
ADC to AIF Stereo Path
Analogue input (INn) to digital
output (AIFn).
Input path High Pass Filter
(HPF) enabled.
fs = 192kHz
fs = 192kHz
Synchronous
59µs
fs = 96kHz
fs = 96kHz
Synchronous
98µs
fs = 48kHz
fs = 48kHz
Synchronous
220µs
fs = 44.1kHz
fs = 44.1kHz
Synchronous
235µs
fs = 16kHz
fs = 16kHz
Synchronous
656µs
fs = 8kHz
fs = 8kHz
Synchronous
1325µs
fs = 8kHz
fs = 48kHz
Isochronous
1805µs
fs = 16kHz
fs = 48kHz
Isochronous
997µs
fs = 44.1kHz
fs = 8kHz
Asynchronous
1369µs
fs = 44.1kHz
fs = 16kHz
Asynchronous
883µs
Notes
Signal is routed via the digital core ISRC function in the isochronous test cases only.
Signal is routed via the digital core ASRC function in the asynchronous test cases only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com