Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L85 Datasheet(PDF) 103 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 103 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 99Page - Cirrus Logic CS47L85 Datasheet HTML 100Page - Cirrus Logic CS47L85 Datasheet HTML 101Page - Cirrus Logic CS47L85 Datasheet HTML 102Page - Cirrus Logic CS47L85 Datasheet HTML 103Page - Cirrus Logic CS47L85 Datasheet HTML 104Page - Cirrus Logic CS47L85 Datasheet HTML 105Page - Cirrus Logic CS47L85 Datasheet HTML 106Page - Cirrus Logic CS47L85 Datasheet HTML 107Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 370 page
background image
CS47L85
Rev 4.3
103
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R147
(0093h)
Haptics_C
ontrol_pha
se_1_dura
tion
8:0
PHASE1_DURAT
ION [8:0]
000h
Haptic Output Duration (Phase 1)
Selects the duration of Phase 1 in one-
shot mode.
000h = 0ms
001h = 0.625ms
002h = 1.25ms
… (0.625ms steps)
1FFh = 319.375ms
R148
(0094h)
Haptics_p
hase_2_in
tensity
7:0
PHASE2_INTEN
SITY [7:0]
00h
Haptic Output Level (Phase 2)
Selects the signal intensity in Continuous
mode or Phase 2 of one-shot mode.
Coded as 2’s complement.
Range is +/- Full Scale (FS).
For ERM actuator, this selects the DC
signal level for the haptic output.
For LRA actuator, this selects the AC peak
amplitude; Negative values correspond to
a 180 degree phase shift.
R149
(0095h)
Haptics_p
hase_2_d
uration
10:0
PHASE2_DURAT
ION [10:0]
000h
Haptic Output Duration (Phase 2)
Selects the duration of Phase 2 in one-
shot mode.
000h = 0ms
001h = 0.625ms
002h = 1.25ms
… (0.625ms steps)
7FFh = 1279.375ms
R150
(0096h)
Haptics_p
hase_3_in
tensity
7:0
PHASE3_INTEN
SITY [7:0]
00h
Haptic Output Level (Phase 3)
Selects the signal intensity of Phase 3 in
one-shot mode.
Coded as 2’s complement.
Range is +/- Full Scale (FS).
For ERM actuator, this selects the DC
signal level for the haptic output.
For LRA actuator, this selects the AC peak
amplitude; Negative values correspond to
a 180 degree phase shift.
R151
(0097h)
Haptics_p
hase_3_d
uration
8:0
PHASE3_DURAT
ION [8:0]
000h
Haptic Output Duration (Phase 3)
Selects the duration of Phase 3 in one-
shot mode.
000h = 0ms
001h = 0.625ms
002h = 1.25ms
… (0.625ms steps)
1FFh = 319.375ms
R152
(0098h)
Haptics_St
atus
0
ONESHOT_STS
0
Haptic One-Shot status
0 = One-Shot event not in progress
1 = One-Shot event in progress
Table 20 Haptic Signal Generator Control
PWM GENERATOR
The CS47L85 incorporates two Pulse Width Modulation (PWM) signal generators as illustrated in Figure 36. The duty cycle
of each PWM signal can be modulated by an audio source, or can be set to a fixed value using a control register setting.
A 4-input mixer is associated with each PWM generator. The 4 input sources are selectable in each case, and independent
volume control is provided for each path.
The PWM signal generator
s can be output directly on a GPIO pin. See “General Purpose Input / Output” to configure a GPIO
pin for this function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com