Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L85 Datasheet(PDF) 104 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 104 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 100Page - Cirrus Logic CS47L85 Datasheet HTML 101Page - Cirrus Logic CS47L85 Datasheet HTML 102Page - Cirrus Logic CS47L85 Datasheet HTML 103Page - Cirrus Logic CS47L85 Datasheet HTML 104Page - Cirrus Logic CS47L85 Datasheet HTML 105Page - Cirrus Logic CS47L85 Datasheet HTML 106Page - Cirrus Logic CS47L85 Datasheet HTML 107Page - Cirrus Logic CS47L85 Datasheet HTML 108Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 370 page
background image
CS47L85
104
Rev 4.3
Note that the PWM signal generators cannot be selected as input to the digital mixers or signal processing functions within
the CS47L85 digital core.
PWM1MIX_VOL2
PWM1MIX_VOL3
PWM1MIX_VOL4
+
PWM1MIX_VOL1
PWM1MIX_SRC1
PWM1MIX_SRC3
PWM1MIX_SRC4
PWM1MIX_SRC2
GPIO
(GPn_FN = 48h)
PWM1
PWM1_ENA
PWM1_OVD
PWM1_LVL
PWM2MIX_VOL2
PWM2MIX_VOL3
PWM2MIX_VOL4
+
PWM2MIX_VOL1
PWM2MIX_SRC1
PWM2MIX_SRC3
PWM2MIX_SRC4
PWM2MIX_SRC2
GPIO
(GPn_FN = 49h)
PWM2
PWM2_ENA
PWM2_OVD
PWM2_LVL
PWM_RATE
PWM_CLK_SEL
When PWMn_OVD = 0, the PWM duty cycle is controlled by the respective digital audio mixer.
When PWMn_OVD = 1, the PWM duty cycle is set by PWMn_LVL.
The PWM sample rate and clocking frequency are selected using PWM_RATE and PWM_CLK_SEL.
Figure 36 Digital Core Pulse Width Modulation (PWM) Generator
The PWM1 and PWM2 mixer control registers (see Figure 36) are located at register addresses R1600 (640h) through to
R1615 (64Fh).
The full list of digital mixer control registers (Register R1600 through to R3192) is provided in a separate document - see
“Register Map” for further information. Generic register definitions are provided in Table 8.
The *_SRCn registers select the input source(s) for the respective mixers. Note that the selected input source(s) must be
configured for the same sample rate as the mixer to which they are connected. Sample rate conversion functions are
available to support flexible interconnectivity -
see “Asynchronous Sample Rate Converter (ASRC)” and “Isochronous
Sample Rate Converter (ISRC)
”.
The PWM generators should be kept disabled (PWMn_ENA=0) if SYSCLK is not enabled. The *_SRCn registers for all
digital core functions should be held at 00h if SYSCLK is not enabled. SYSCLK must be present and enabled before selecting
other values for these registers. See “Clocking and Sample Rates” for further details (including requirements for
reconfiguring SYSCLK while digital core functions are enabled).
The PWM sample rate (cycle time) is configured using the PWM_RATE register - see Table 22. Note that sample rate
conversion is required when linking the PWM generators to any signal chain that is asynchronous and/or configured for a
different sample rate.
The PWM_RATE register should not be changed if any of the associated *_SRCn registers is non-zero. The associated
*_SRCn registers should be cleared to 00h before writing a new value to PWM_RATE. A minimum delay of 125us should
be allowed between clearing the *_SRCn registers and writing to the PWM_RATE register. See Table 22 for further details.
The PWM generators are enabled using PWM1_ENA and PWM2_ENA respectively, as described in Table 21.
Under default conditions (PWMn_OVD = 0), the duty cycle of the PWM generators is controlled by an audio signal path; a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com