Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN7552 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # FN7552
Description  ±15kV ESD Protected, 3.3V, 1μA, 250kbps, RS-232 Transmitters/Receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN7552 Datasheet(HTML) 3 Page - Renesas Technology Corp

  FN7552 Datasheet HTML 1Page - Renesas Technology Corp FN7552 Datasheet HTML 2Page - Renesas Technology Corp FN7552 Datasheet HTML 3Page - Renesas Technology Corp FN7552 Datasheet HTML 4Page - Renesas Technology Corp FN7552 Datasheet HTML 5Page - Renesas Technology Corp FN7552 Datasheet HTML 6Page - Renesas Technology Corp FN7552 Datasheet HTML 7Page - Renesas Technology Corp FN7552 Datasheet HTML 8Page - Renesas Technology Corp FN7552 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ICL3221EM, ICL3221EF
1. Overview
FN7552 Rev.2.00
Page 3 of 22
May.29.19
1.
Overview
1.1
Ordering Information
Part Number
(Notes 2, 3)
Part Marking
Temp Range (°C)
Tape and Reel
(Units) (Note 1)
Package
(RoHS Compliant)
Pkg. Dwg. #
ICL3221EMVZ
3221 EMVZ
-55 to +125
-
16 Ld TSSOP
M16.173
ICL3221EMVZ-T
3221 EMVZ
-55 to +125
2.5k
16 Ld TSSOP
M16.173
ICL3221EFVZ
3221 EFVZ
-40 to +125
-
16 Ld TSSOP
M16.173
ICL3221EFVZ-T
3221 EFVZ
-40 to +125
2.5k
16 Ld TSSOP
M16.173
ICL3221EFVZ-T7A
3221 EFVZ
-40 to +125
250
16 Ld TSSOP
M16.173
Notes:
1. See TB347 for details about reel specifications.
2. These Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J-STD-020.
3. For Moisture Sensitivity Level (MSL), see the ICL3221EM, ICL3221EF device pages. For more information about MSL, see TB363.
Table 1.
Summary of Features
Part
Number
Number
of Tx
Number
of Rx
Data Rate
(kbps)
Receiver
Enable Function?
Ready
Output?
Manual
Power-Down?
Automatic Power-Down
Function?
ICL3221EM
1
1
250
Yes
No
Yes
Yes
ICL3221EF
1
1
250
Yes
No
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com