Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN7552 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # FN7552
Description  ±15kV ESD Protected, 3.3V, 1μA, 250kbps, RS-232 Transmitters/Receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN7552 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button FN7552 Datasheet HTML 8Page - Renesas Technology Corp FN7552 Datasheet HTML 9Page - Renesas Technology Corp FN7552 Datasheet HTML 10Page - Renesas Technology Corp FN7552 Datasheet HTML 11Page - Renesas Technology Corp FN7552 Datasheet HTML 12Page - Renesas Technology Corp FN7552 Datasheet HTML 13Page - Renesas Technology Corp FN7552 Datasheet HTML 14Page - Renesas Technology Corp FN7552 Datasheet HTML 15Page - Renesas Technology Corp FN7552 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
ICL3221EM, ICL3221EF
4. Application Information
FN7552 Rev.2.00
Page 12 of 22
May.29.19
4.5.2 INVALID Output
The INVALID output always indicates whether a valid RS-232 signal is present at any of the receiver inputs (see
Table 5 on page 11), giving you a way to determine when the interface block should power down. If an interface
cable is disconnected and all the receiver inputs are floating (but pulled to GND by the internal receiver pull down
resistors), the INVALID logic detects the invalid levels and drives the output low. The power management logic
then uses this indicator to power down the interface block. Reconnecting the cable restores valid levels at the
receiver inputs, INVALID switches high, and the power management logic wakes up the interface block. INVALID
can also be used to indicate the DTR or RING INDICATOR signal as long as the other receiver inputs are floating
or driven to GND (as in the case of a powered down driver). Connecting FORCEOFF and FORCEON together
disables the automatic powerdown feature, and enables them to function as a manual SHUTDOWN (SHDN) input
(see Figure 8 on page 13).
Figure 6. Power Drain Through Powered Down Peripheral
Figure 7. Disabled Receivers Prevent Power Drain
Old
VCC
Powered
GND
SHDN = GND
VCC
Rx
Tx
VCC
Current
VOUT = VCC
Flow
RS-232 CHIP
Down
UART
ICL324XE
Transition
RX
TX
R2OUTB
R2OUT
T1IN
FORCEOFF = GND
VCC
VCC
To
R2IN
T1OUT
VOUT = HI-Z
Powered
EN = VCC
Detector
Down
UART
Wake-Up
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com