Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN7552 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # FN7552
Description  ±15kV ESD Protected, 3.3V, 1μA, 250kbps, RS-232 Transmitters/Receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN7552 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button FN7552 Datasheet HTML 7Page - Renesas Technology Corp FN7552 Datasheet HTML 8Page - Renesas Technology Corp FN7552 Datasheet HTML 9Page - Renesas Technology Corp FN7552 Datasheet HTML 10Page - Renesas Technology Corp FN7552 Datasheet HTML 11Page - Renesas Technology Corp FN7552 Datasheet HTML 12Page - Renesas Technology Corp FN7552 Datasheet HTML 13Page - Renesas Technology Corp FN7552 Datasheet HTML 14Page - Renesas Technology Corp FN7552 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
ICL3221EM, ICL3221EF
4. Application Information
FN7552 Rev.2.00
Page 11 of 22
May.29.19
4.4
Low Power Operation
These 3V devices require a nominal supply current of 0.3mA, during normal operation (not in powerdown mode),
which is considerably less than the 5mA to 11mA current required by comparable 5V RS-232 devices, allowing
you to reduce system power simply by switching to this new family.
4.5
Powerdown Functionality
The already low current requirement drops significantly when the device enters powerdown mode. In
power-down, supply current drops to 1µA, because the on-chip charge pump turns off (V+ collapses to VCC, V-
collapses to GND), and the transmitter outputs three-state. Inverting receiver outputs can disable in powerdown;
see Table 5 for details. This micro-power mode makes these devices ideal for battery powered and portable
applications.
4.5.1 Software Controlled (Manual) Powerdown
The ICL3221EM and ICL3221EF devices provide a pin that allows you to force the IC into the low power, standby
state. Driving this pin high enables normal operation, and driving it low forces the IC into its powerdown state.
Connect FORCEOFF to VCC if the powerdown function is not needed. Note: All the receiver outputs remain
enabled during shutdown (see Table 5). For the lowest power consumption during powerdown, the receivers
should also be disabled by driving the EN input high (see Figures 6 and 7).
The ICL3221EM and ICL3221EF use a two pin approach where the FORCEON and FORCEOFF inputs
determine the IC’s mode. For always enabled operation, FORCEON and FORCEOFF are both strapped high.
Under logic or software control, only the FORCEOFF input needs to be driven to switch between active and
powerdown modes. The FORCEON state is not critical because FORCEOFF overrides FORCEON. However, if
strictly manual control over powerdown is needed, you must strap FORCEON high to disable the automatic
powerdown circuitry.
Figure 5. Inverting Receiver Connections
Table 5.
Powerdown and Enable Logic Truth Table
RS-232 SIgnal
Present at
Receiver Input?
FORCEOFF
Input
FORCEON
Input
EN
Input
Transmitter
Outputs
Receiver
Outputs
INVALID
Output
Mode of Operation
ICL3221EM and ICL3221EF
No
H
H
L
Active
Active
L
Normal Operation
(Auto Powerdown Disabled)
No
H
H
H
Active
High-Z
L
Yes
H
L
L
Active
Active
H
Normal Operation
(Auto Powerdown Enabled)
Yes
H
L
H
Active
High-Z
H
No
H
L
L
High-Z
Active
L
Powerdown Due to Auto
Power-Down Logic
No
H
L
H
High-Z
High-Z
L
Yes
L
X
L
High-Z
Active
H
Manual Powerdown
Yes
L
X
H
High-Z
High-Z
H
Manual Powerdown with
Receiver Disabled
No
L
X
L
High-Z
Active
L
Manual Powerdown
No
L
X
H
High-Z
High-Z
L
Manual Powerdown with
Receiver Disabled
RXOUT
GND ≤ VROUT ≤ VCC
5kΩ
RXIN
-25V ≤ VRIN ≤ +25V
GND
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com