Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN7552 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # FN7552
Description  ±15kV ESD Protected, 3.3V, 1μA, 250kbps, RS-232 Transmitters/Receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN7552 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button FN7552 Datasheet HTML 12Page - Renesas Technology Corp FN7552 Datasheet HTML 13Page - Renesas Technology Corp FN7552 Datasheet HTML 14Page - Renesas Technology Corp FN7552 Datasheet HTML 15Page - Renesas Technology Corp FN7552 Datasheet HTML 16Page - Renesas Technology Corp FN7552 Datasheet HTML 17Page - Renesas Technology Corp FN7552 Datasheet HTML 18Page - Renesas Technology Corp FN7552 Datasheet HTML 19Page - Renesas Technology Corp FN7552 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
ICL3221EM, ICL3221EF
4. Application Information
FN7552 Rev.2.00
Page 16 of 22
May.29.19
4.11 High Data Rates
The ICL3221EM and ICL3221EF maintain the RS-232 ±5V minimum transmitter output voltages even at high data
rates. Figure 13 shows a transmitter loopback test circuit, and Figure 14 shows the loopback test result at
120kbps. For this test, all transmitters were simultaneously driving RS-232 loads in parallel with 1000pF at
120kbps. Figure 15 shows the loopback results for a single transmitter driving 1000pF and an RS-232 load at
250kbps. The static transmitters were also loaded with an RS-232 receiver.
4.12 Interconnection with 3V and 5V Logic
The ICL3221EM and ICL3221EF directly interface with 5V CMOS and TTL logic families. With the ICL3221EM
and ICL3221EF at 3.3V, and the logic supply at 5V, AC, HC, and CD4000 outputs can drive ICL3221EM and
ICL3221EF inputs, but ICL3221EM and ICL3221EF outputs do not reach the minimum VIH for these logic families.
See Table 7 for more information.
Figure 13. Transmitter Loopback Test Circuit
Figure 14. Loopback Test at 120kbps
Figure 15. Loopback Test at 250kbps
Table 7.
Logic Family Compatibility with Various Supply Voltages
System Power-Supply Voltage (V)
VCC Supply Voltage (V)
Compatibility
3.3
3.3
Compatible with all CMOS families.
ICL3221EM
VCC
FORCEOFF
C1
C2
C4
C3
+
+
+
+
1000pF
V+
V-
5k
TIN
ROUT
C1+
C1-
C2+
C2-
RIN
TOUT
+
VCC
0.1µF
VCC
EN
ICL3221EF
T1IN
T1OUT
R1OUT
5µs/Div
VCC = +3.3V
5V/Div
C1 - C4 = 0.1µF
T1IN
T1OUT
R1OUT
2µs/Div
5V/Div
VCC = +3.3V
C1 - C4 = 0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com