Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN7552 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # FN7552
Description  ±15kV ESD Protected, 3.3V, 1μA, 250kbps, RS-232 Transmitters/Receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN7552 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button FN7552 Datasheet HTML 14Page - Renesas Technology Corp FN7552 Datasheet HTML 15Page - Renesas Technology Corp FN7552 Datasheet HTML 16Page - Renesas Technology Corp FN7552 Datasheet HTML 17Page - Renesas Technology Corp FN7552 Datasheet HTML 18Page - Renesas Technology Corp FN7552 Datasheet HTML 19Page - Renesas Technology Corp FN7552 Datasheet HTML 20Page - Renesas Technology Corp FN7552 Datasheet HTML 21Page - Renesas Technology Corp FN7552 Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
ICL3221EM, ICL3221EF
7. Revision History
FN7552 Rev.2.00
Page 20 of 22
May.29.19
7.
Revision History
Rev.
Date
Description
2.00
May.29.19
Applied new formatting.
Update links throughout document.
Updated Ordering Information table by adding tape and reel parts and updating notes.
Added “Charge Pump Abs Max Ratings” on page 9.
Removed About Intersil section.
Updated disclaimer.
1.00
Oct.13.16
Updated datasheet with new standards.
In the first sentence on page 1 changed “3.0V” to “3.3V”.
Removed second Features bullet on page 1.
Removed PDAs, palmtops, notebooks, laptops, digital cameras, cellular/mobile phones application references
on page 1.
Added ICL3221EF information throughout datasheet.
Added Revision History and About Intersil sections.
Updated M16.173 package outline drawing to the most current revision, changes are as follows:
-Convert to new POD format by moving dimensions from table onto drawing and adding land pattern.
No
dimension changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com