Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN7552 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # FN7552
Description  ±15kV ESD Protected, 3.3V, 1μA, 250kbps, RS-232 Transmitters/Receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN7552 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button FN7552 Datasheet HTML 5Page - Renesas Technology Corp FN7552 Datasheet HTML 6Page - Renesas Technology Corp FN7552 Datasheet HTML 7Page - Renesas Technology Corp FN7552 Datasheet HTML 8Page - Renesas Technology Corp FN7552 Datasheet HTML 9Page - Renesas Technology Corp FN7552 Datasheet HTML 10Page - Renesas Technology Corp FN7552 Datasheet HTML 11Page - Renesas Technology Corp FN7552 Datasheet HTML 12Page - Renesas Technology Corp FN7552 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ICL3221EM, ICL3221EF
4. Application Information
FN7552 Rev.2.00
Page 9 of 22
May.29.19
4.
Application Information
ICL3221EM and ICL3221EF interface ICs operate from a single +3V supply, ensure a 250kbps minimum data
rate, require only four small external 0.1µF capacitors, feature low power consumption, and meet all ElA RS-232C
and V.28 specifications.
4.1
Charge Pump
The ICL3221EM and ICL3221EF use regulated on-chip dual charge pumps as voltage doublers, and voltage
inverters to generate ±5.5V transmitter supplies from a VCC supply as low as 3.0V, which allows these devices to
maintain RS-232 compliant output levels over the ±10% tolerance range of 3.3V powered systems. The efficient
on-chip power supplies require only four small, external 0.1µF capacitors for the voltage doubler and inverter
functions at VCC = 3.3V. See “Capacitor Selection” on page 14 and Table 6 on page 15 for capacitor
recommendations for other operating conditions. The charge pumps operate discontinuously (they turn off as
soon as the V+ and V- supplies are pumped up to the nominal values), and provides significant power savings.
4.1.1 Charge Pump Abs Max Ratings
These 3V to 5V RS-232 transceivers have been fully characterized for 3.0V to 3.6V operation, and at critical
points for 4.5V to 5.5V operation. Furthermore, load conditions were favorable using static logic states only.
The specified maximum values for V+ and V- are +7V and -7V, respectively. These limits apply for VCC values set
to 3.0V and 3.6V (see Table 2). For VCC values set to 4.5V and 5.5V, the maximum values for V+ and
V- can approach +9V and -7V, respectively (Table 3). The breakdown characteristics for V+ and V- were
measured with ±13V.
Table 2.
V+ and V- Values for VCC = 3.0V to 3.6V
C1(μF)
C2, C3, C4 (μF)
Load
T1IN
(Logic State)
V+ (V)
V- (V)
VCC = 3.0V
VCC = 3.6V
VCC = 3.0V
VCC = 3.6V
0.1
0.1
Open
H
5.80
6.56
-5.60
-5.88
L
5.80
6.56
-5.60
-5.88
2.4kbps
5.80
6.56
-5.60
-5.88
3kΩ // 1000pF
H
5.88
6.60
-5.56
-5.92
L
5.76
6.36
-5.56
-5.76
2.4kbps
6.00
6.64
-5.64
-5.96
0.047
0.33
Open
H
5.68
6.00
-5.60
-5.60
L
5.68
6.00
-5.60
-5.60
2.4kbps
5.68
6.00
-5.60
-5.60
3kΩ // 1000pF
H
5.76
6.08
-5.64
-5.64
L
5.68
6.04
-5.60
-5.60
2.4kbps
5.84
6.16
-5.64
-5.72
1
1
Open
H
5.88
6.24
-5.60
-5.60
L
5.88
6.28
-5.60
-5.64
2.4kbps
5.80
6.20
-5.60
-5.60
3kΩ // 1000pF
H
5.88
6.44
-5.64
-5.72
L
5.88
6.04
-5.64
-5.64
2.4kbps
5.92
6.40
-5.64
-5.64
Table 3.
V+ and V- Values for VCC = 4.5V to 5.5V
C1 (μF)
C2, C3, C4 (μF)
Load
T1IN
(Logic State)
V+ (V)
V- (V)
VCC = 4.5V
VCC = 5.5V
VCC = 4.5V
VCC = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com