Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN7552 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # FN7552
Description  ±15kV ESD Protected, 3.3V, 1μA, 250kbps, RS-232 Transmitters/Receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN7552 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button FN7552 Datasheet HTML 6Page - Renesas Technology Corp FN7552 Datasheet HTML 7Page - Renesas Technology Corp FN7552 Datasheet HTML 8Page - Renesas Technology Corp FN7552 Datasheet HTML 9Page - Renesas Technology Corp FN7552 Datasheet HTML 10Page - Renesas Technology Corp FN7552 Datasheet HTML 11Page - Renesas Technology Corp FN7552 Datasheet HTML 12Page - Renesas Technology Corp FN7552 Datasheet HTML 13Page - Renesas Technology Corp FN7552 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ICL3221EM, ICL3221EF
4. Application Information
FN7552 Rev.2.00
Page 10 of 22
May.29.19
The resulting new maximum voltages at V+ and V- are listed in Table 4.
4.2
Transmitters
The transmitters are proprietary, low dropout, inverting drivers that translate TTL/CMOS inputs to EIA/TIA-232
output levels. These transmitters are coupled with the on-chip ±5.5V supplies and deliver true RS-232 levels
across a wide range of single supply system voltages.
The transmitter output disables and assumes a high impedance state when the device enters the powerdown
mode (see Table 5 on page 11). These outputs can be driven to ±12V when disabled.
All devices ensure a 250kbps data rate for full load conditions (3kΩ and 1000pF), VCC ≥ 3.0V, with one transmitter
operating at full speed. Under more typical conditions of VCC ≥ 3.3V, RL = 3kΩ, and CL = 250pF, one transmitter
easily operates at 900kbps.
Transmitter inputs float if left unconnected, and can cause ICC increases. Connect unused inputs to GND for best
performance.
4.3
Receivers
The ICL3221EM and ICL3221EF devices contain standard inverting receivers that three-state using the EN or
FORCEOFF control lines. The receivers convert RS-232 signals to CMOS output levels and accept inputs up to
±25V while presenting the required 3kΩ to 7kΩ input impedance (see Figure 5 on page 11) even if the power is off
(VCC = 0V). The receivers’ Schmitt trigger input stage uses hysteresis to increase noise immunity and decrease
errors due to slow input signal transitions.
The ICL3221EM’s and ICL3221EF’s inverting receivers are disabled only when EN is driven high (see Table 5).
Standard receivers driving powered down peripherals must be disabled to prevent current flow through the
peripheral’s protection diodes (see Figures 6 and 7 on page 12). When disabled, the receivers cannot be used for
wake up functions, but the corresponding monitor receiver can be dedicated to this task as shown in Figure 7.
0.1
0.1
Open
H
7.44
8.48
-6.16
-6.40
L
7.44
8.48
-6.16
-6.44
2.4kbps
7.44
8.48
-6.17
-6.44
3kΩ // 1000pF
H
7.76
8.88
-6.36
-6.72
L
7.08
8.00
-5.76
-5.76
2.4kbps
7.76
8.84
-6.40
-6.64
0.047
0.33
Open
H
6.44
6.88
-5.80
-5.88
L
6.48
6.88
-5.84
-5.88
2.4kbps
6.44
6.88
-5.80
-5.88
3kΩ // 1000pF
H
6.64
7.28
-5.92
-6.04
L
6.24
6.60
-5.52
-5.52
2.4kbps
6.72
7.16
-5.92
-5.96
1
1
Open
H
6.84
7.60
-5.76
-5.76
L
6.88
7.60
-5.76
-5.76
2.4kbps
6.92
7.56
-5.72
-5.76
3kΩ // 1000pF
H
7.28
8.16
-5.80
-5.92
L
6.44
6.84
-5.64
-6.84
2.4kbps
7.08
7.76
-5.80
-5.80
Table 4.
New Measured Withstanding Voltages
V+, V- to Ground
±13V
V+ to V-
20V
Table 3.
V+ and V- Values for VCC = 4.5V to 5.5V (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com