Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN7552 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # FN7552
Description  ±15kV ESD Protected, 3.3V, 1μA, 250kbps, RS-232 Transmitters/Receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN7552 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button FN7552 Datasheet HTML 14Page - Renesas Technology Corp FN7552 Datasheet HTML 15Page - Renesas Technology Corp FN7552 Datasheet HTML 16Page - Renesas Technology Corp FN7552 Datasheet HTML 17Page - Renesas Technology Corp FN7552 Datasheet HTML 18Page - Renesas Technology Corp FN7552 Datasheet HTML 19Page - Renesas Technology Corp FN7552 Datasheet HTML 20Page - Renesas Technology Corp FN7552 Datasheet HTML 21Page - Renesas Technology Corp FN7552 Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
ICL3221EM, ICL3221EF
5. ±15kV ESD Protection
FN7552 Rev.2.00
Page 18 of 22
May.29.19
5.
±15kV ESD Protection
All pins on the ICL3221EM and ICL3221EF devices include ESD protection structures, but the families
incorporate advanced structures that allow the RS-232 pins (transmitter outputs and receiver inputs) to survive
ESD events up to ±15kV. The RS-232 pins are particularly vulnerable to ESD damage because they typically
connect to an exposed port on the exterior of the finished product. Touching the port pins or connecting a cable
can cause an ESD event that might destroy unprotected ICs. The ESD structures protect the device whether or
not it is powered up, protect without allowing any latch-up mechanism to activate, and do not interfere with
RS-232 signals as large as ±25V.
5.1
Human Body Model (HBM) Testing
The Human Body Model (HBM) test method emulates the ESD event delivered to an IC during human handling.
The tester delivers the charge through a 1.5kΩ current limiting resistor so the test is less severe than the
IEC61000 test, which uses a 330Ω limiting resistor. The HBM method determines an IC’s ability to withstand the
ESD transients typically present during handling and manufacturing. Due to the random nature of these events,
each pin is tested with respect to all other pins. The RS-232 pins on “E” family devices can withstand HBM ESD
events to ±15kV.
5.2
IEC61000-4-2 Testing
The IEC61000 test method applies to finished equipment, rather than to an individual IC. Therefore, the pins most
likely to suffer an ESD event are those that are exposed to the outside world (the RS-232 pins in this case), and
the IC is tested in its typical application configuration (power applied) rather than testing each pin-to-pin
combination. The lower current limiting resistor coupled with the larger charge storage capacitor yields a test that
is much more severe than the HBM test. The extra ESD protection built into this device’s RS-232 pins allows the
design of equipment meeting Level 4 criteria without the need for additional board level protection on the RS-232
port.
5.3
Air-Gap Discharge Test Method
For the air-gap discharge test method, a charged probe tip moves toward the IC pin until the voltage arcs to it.
The current waveform delivered to the IC pin depends on factors such as approach speed, humidity, and
temperature, so it is difficult to obtain repeatable results. The “E” device RS-232 pins withstand ±15kV air-gap
discharges.
5.4
Contact Discharge Test Method
During the contact discharge test, the probe contacts the tested pin before the probe tip is energized, and
eliminate the variables associated with the air-gap discharge. The result is a more repeatable and predictable
test, but equipment limits prevent testing devices at voltages higher than ±8kV. All “E” family devices survive ±8kV
contact discharges on the RS-232 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com