Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN7552 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # FN7552
Description  ±15kV ESD Protected, 3.3V, 1μA, 250kbps, RS-232 Transmitters/Receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN7552 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button FN7552 Datasheet HTML 2Page - Renesas Technology Corp FN7552 Datasheet HTML 3Page - Renesas Technology Corp FN7552 Datasheet HTML 4Page - Renesas Technology Corp FN7552 Datasheet HTML 5Page - Renesas Technology Corp FN7552 Datasheet HTML 6Page - Renesas Technology Corp FN7552 Datasheet HTML 7Page - Renesas Technology Corp FN7552 Datasheet HTML 8Page - Renesas Technology Corp FN7552 Datasheet HTML 9Page - Renesas Technology Corp FN7552 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
ICL3221EM, ICL3221EF
2. Specifications
FN7552 Rev.2.00
Page 6 of 22
May.29.19
Supply Current, Powerdown
FORCEOFF = GND
Full
1.0
10
µA
Supply Current, Automatic
Power-Down Disabled
All Outputs Unloaded,
FORCEON = FORCEOFF = VCC
VCC = 3.15V
Full
0.3
1.8
mA
Logic and Transmitter Inputs and Receiver Outputs
Input Logic Threshold Low
TIN, FORCEON, FORCEOFF, EN
Full
0.8
V
Input Logic Threshold High
TIN, FORCEON, FORCEOFF, EN
VCC = 3.3V
Full
2.0
V
Input Leakage Current
TIN, FORCEON, FORCEOFF, EN
Full
±0.01
±10
µA
Output Leakage Current
FORCEOFF = GND or EN = VCC
Full
±0.05
±10
µA
Output Voltage Low
IOUT = 1.6mA
Full
-
0.4
V
Output Voltage High
IOUT = -1.0mA
Full
VCC - 0.6 VCC - 0.1
V
Automatic Powerdown (FORCEON = GND, FORCEOFF = VCC)
Receiver Input Thresholds to
Enable Transmitters
Power-up (see Figure 10)Full
-2.7
2.7
V
Receiver Input Thresholds to
Disable Transmitters
Power-down (see Figure 10)Full
-0.3
0.3
V
INVALID Output Voltage Low
IOUT = 1.6mA
Full
0.4
V
INVALID Output Voltage High
IOUT = -1.0mA
Full
VCC - 0.6
V
Receiver Threshold to
Transmitters Enabled Delay
(tWU)
25
100
µs
Receiver Positive or Negative
Threshold to INVALID High
Delay (tINVH)
25
1
µs
Receiver Positive or Negative
Threshold to INVALID Low
Delay (tINVL)
25
30
µs
Receiver Input
Input Voltage Range
25
-25
25
V
Input Threshold Low
VCC = 3.3V
25
0.6
1.2
V
Input Threshold High
VCC = 3.3V
25
1.5
2.4
V
Input Hysteresis
25
0.5
V
Input Resistance
25
3
5
7
kΩ
Transmitter Output
Output Voltage Swing
All transmitter outputs loaded with 3kΩ to ground
Full
±5.0
±5.4
V
Output Resistance
VCC = V+ = V- = 0V, transmitter output = ±2V
Full
300
10M
Ω
Output Short-Circuit Current
Full
±35
±60
mA
Output Leakage Current
VOUT = ±12V, VCC = 0V or 3V to 3.6V, automatic
power-down or FORCEOFF = GND
Full
±25
µA
Timing Characteristics
Maximum Data Rate
RL = 3kΩ, CL = 1000pF, one transmitter switching
Full
250
500
kbps
Receiver Propagation Delay
Receiver input to receiver output,
CL = 150pF
tPHL
25
0.15
µs
tPLH
25
0.15
µs
Receiver Output Enable Time
Normal operation
25
200
ns
Receiver Output Disable Time
Normal operation
25
200
ns
Transmitter Skew
tPHL to tPLH (Note 5)
25
100
1000
ns
Receiver Skew
tPHL to tPLH
25
50
1000
ns
Test conditions: VCC = 3.3V ±10%, C1 - C4 = 0.1µF; unless otherwise specified. Typicals at TA = +25°C. Boldface limits apply across the
operating temperature ranges, -55°C to +125°C (ICL3221EM) and -40°C to +125°C (ICL3221EF). (Continued)
Parameter
Test Conditions
Temp
(°C)
Min
(Note 6)Typ
Max
(Note 6)Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com