Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN7552 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # FN7552
Description  ±15kV ESD Protected, 3.3V, 1μA, 250kbps, RS-232 Transmitters/Receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN7552 Datasheet(HTML) 1 Page - Renesas Technology Corp

  FN7552 Datasheet HTML 1Page - Renesas Technology Corp FN7552 Datasheet HTML 2Page - Renesas Technology Corp FN7552 Datasheet HTML 3Page - Renesas Technology Corp FN7552 Datasheet HTML 4Page - Renesas Technology Corp FN7552 Datasheet HTML 5Page - Renesas Technology Corp FN7552 Datasheet HTML 6Page - Renesas Technology Corp FN7552 Datasheet HTML 7Page - Renesas Technology Corp FN7552 Datasheet HTML 8Page - Renesas Technology Corp FN7552 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
FN7552 Rev.2.00
Page 1 of 22
May.29.19
ICL3221EM, ICL3221EF
±15kV ESD Protected, +3.3V, 1µA, 250kbps, RS-232 Transmitters/Receivers
Datasheet
The ICL3221EM and ICL3221EF devices are 3.3V
powered RS-232 transmitters/receivers that meet
ElA/TIA-232 and V.28/V.24 specifications.
Additionally, they provide ±15kV ESD protection
(IEC61000-4-2 Air Gap and Human Body Model) on
transmitter outputs and receiver inputs (RS-232 pins).
Efficient on-chip charge pumps, coupled with manual
and automatic powerdown functions, reduce the
standby supply current to a 1µA trickle. Small footprint
packaging, and the use of small, low value capacitors
ensure board space savings as well. Data rates
greater than 250kbps are ensured at worst case load
conditions. These devices are fully compatible with
3.3V-only systems.
The ICL3221EM and ICL3221EF feature an
automatic power-down function that powers down the
on-chip power-supply and driver circuits. Power-down
occurs when an attached peripheral device is shut off
or the RS-232 cable is removed, and conserves
system power automatically without changes to the
hardware or operating system. These devices power
up again when a valid RS-232 voltage is applied to
any receiver input.
Table 1 summarizes the features of the ICL3221EM
and ICL3221EF.
Related Literature
For a full list of related documents, visit our website:
• ICL3221EM, ICL3221EF device pages
Features
• ESD protection for RS-232 I/O pins to ±15kV
(IEC61000)
• RS-232 compatible with VCC = 2.7V
• Meets EIA/TIA-232 and V.28/V.24 specifications at
3V
• Latch-up free
• On-chip voltage converters require only four
external 0.1µF capacitors
• Manual and automatic powerdown features
• Receiver hysteresis for improved noise immunity
• Assured minimum data rate: 250kbps
• Power supply range : single +3.0V to +3.6V
• Low supply current in powerdown state: 1µA
• Pb-free (RoHS compliant)
Applications
• Any system requiring RS-232 communication ports
○ Battery powered, hand-held, and portable
equipment
○ Modems, printers, and other peripherals
Figure 1. Typical Operating Circuit
15
VCC
T1OUT
T1IN
T1
0.1µF
+ 0.1µF
+
0.1µF
11
13
2
4
3
7
V+
V-
C1+
C1-
C2+
C2-
+
0.1µF
5
6
R1OUT
R1IN
R1
8
9
5kΩ
C1
C2
+ C3
C4
EN
1
GND
+3.3V
+
0.1µF
14
TTL/CMOS
Logic Levels
RS-232
Levels
FORCEON
FORCEOFF
12
16
VCC
10
INVALID
To Power
Control Logic


Similar Part No. - FN7552

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN7510-10-M3 SCHAFFNER-FN7510-10-M3 Datasheet
355Kb / 4P
AC Feedthrough Capacitor
FN7510-100-M8 SCHAFFNER-FN7510-100-M8 Datasheet
355Kb / 4P
AC Feedthrough Capacitor
FN7510-16-M4 SCHAFFNER-FN7510-16-M4 Datasheet
355Kb / 4P
AC Feedthrough Capacitor
FN7510-32-M4 SCHAFFNER-FN7510-32-M4 Datasheet
355Kb / 4P
AC Feedthrough Capacitor
FN7511-10-M3 SCHAFFNER-FN7511-10-M3 Datasheet
355Kb / 4P
AC Feedthrough Capacitor
More results

Similar Description - FN7552

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
September 2001
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 2001
5962-0620701Q3A INTERSIL-5962-0620701Q3A Datasheet
195Kb / 9P
짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
May 31, 2006
ICL3243ECAZ-T INTERSIL-ICL3243ECAZ-T Datasheet
699Kb / 33P
±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ICL3221EMVZ INTERSIL-ICL3221EMVZ Datasheet
235Kb / 12P
±15kV ESD Protected, 3V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 17, 2009
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
RS-232 INTERSIL-RS-232 Datasheet
750Kb / 33P
±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 9, 2015
logo
Renesas Technology Corp
ICL3207E RENESAS-ICL3207E Datasheet
657Kb / 13P
/- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
ISL83386E RENESAS-ISL83386E Datasheet
354Kb / 16P
±15kV ESD Protected, 3V to 5.5V, 1μA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
Apr.19.19
5962-0620705 RENESAS-5962-0620705 Datasheet
389Kb / 10P
±15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
November 3, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com