Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN7552 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # FN7552
Description  ±15kV ESD Protected, 3.3V, 1μA, 250kbps, RS-232 Transmitters/Receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN7552 Datasheet(HTML) 4 Page - Renesas Technology Corp

  FN7552 Datasheet HTML 1Page - Renesas Technology Corp FN7552 Datasheet HTML 2Page - Renesas Technology Corp FN7552 Datasheet HTML 3Page - Renesas Technology Corp FN7552 Datasheet HTML 4Page - Renesas Technology Corp FN7552 Datasheet HTML 5Page - Renesas Technology Corp FN7552 Datasheet HTML 6Page - Renesas Technology Corp FN7552 Datasheet HTML 7Page - Renesas Technology Corp FN7552 Datasheet HTML 8Page - Renesas Technology Corp FN7552 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ICL3221EM, ICL3221EF
1. Overview
FN7552 Rev.2.00
Page 4 of 22
May.29.19
1.2
Pin Configuration
1.3
Pin Descriptions
16 Ld TSSOP
Top View
Pin
Pin
Number
Function
EN
1
Active low receiver enable control
C1+
2
External capacitor (voltage doubler) is connected to this lead.
V+
3
Internally generated positive transmitter supply (+5.5V).
C1-
4
External capacitor (voltage doubler) is connected to this lead.
C2+
5
External capacitor (voltage inverter) is connected to this lead.
C2-
6
External capacitor (voltage inverter) is connected to this lead.
V-
7
Internally generated negative transmitter supply (-5.5V).
R1IN
8
±15kV ESD protected, RS-232 compatible receiver inputs.
R1OUT
9
TTL/CMOS level receiver outputs.
INVALID
10
Active low output that indicates if no valid RS-232 levels are present on any receiver input.
T1IN
11
TTL/CMOS compatible transmitter Inputs.
FORCEON
12
Active high input to override automatic powerdown circuitry thereby keeping transmitters active (FORCEOFF
must be high).
T1OUT
13
±15kV ESD protected, RS-232 level (nominally ±5.5V) transmitter outputs.
GND
14
Ground connection.
VCC
15
System power supply input (3.0V to 3.6V).
FORCEOFF
16
Active low to shut down transmitters and on-chip power supply that overrides any automatic circuitry and
FORCEON (see Table 5 on page 11).
EN
C1+
V+
C1-
C2+
C2-
V-
R1IN
FORCEOFF
GND
T1OUT
FORCEON
T1IN
R1OUT
VCC
INVALID
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com