Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN7552 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # FN7552
Description  ±15kV ESD Protected, 3.3V, 1μA, 250kbps, RS-232 Transmitters/Receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN7552 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button FN7552 Datasheet HTML 9Page - Renesas Technology Corp FN7552 Datasheet HTML 10Page - Renesas Technology Corp FN7552 Datasheet HTML 11Page - Renesas Technology Corp FN7552 Datasheet HTML 12Page - Renesas Technology Corp FN7552 Datasheet HTML 13Page - Renesas Technology Corp FN7552 Datasheet HTML 14Page - Renesas Technology Corp FN7552 Datasheet HTML 15Page - Renesas Technology Corp FN7552 Datasheet HTML 16Page - Renesas Technology Corp FN7552 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
ICL3221EM, ICL3221EF
4. Application Information
FN7552 Rev.2.00
Page 13 of 22
May.29.19
With any of the control schemes, the time required to exit power-down and resume transmission is only 100µs. A
mouse or other application may need more time to wake up from shutdown. If automatic power-down is being
used, the RS-232 device reenters powerdown if valid receiver levels are not reestablished within 30µs of the
ICL3221EM and ICL3221EF powering up. Figure 9 illustrates a circuit that prevents the ICL3221EM and
ICL3221EF from initiating automatic powerdown for 100ms after powering up. The delay gives the slow-to-wake
peripheral circuit time to reestablish valid RS-232 output levels.
4.5.3 Automatic Powerdown
Even greater power savings are available by using the ICL3221EM and ICL3221EF’s automatic powerdown
function. When no valid RS-232 voltages (see Figure 10) are sensed on any receiver input for 30µs, the
charge-pump and transmitters powerdown and reduce supply current to 1µA. Invalid receiver levels occur
whenever the driving peripheral’s outputs are shut off (powered down) or when the RS-232 interface cable is
disconnected. The ICL3221EM and ICL3221EF power back up whenever they detect a valid RS-232 voltage level
on any receiver input, which provides additional system power savings without changes to the existing operating
system.
Figure 8. Connections for Manual Powerdown when No Valid Receiver Signals are Present
Figure 9. Circuit to Prevent Auto Powerdown for 100ms After Forced Power-Up
Power
FORCEOFF
INVALID
CPU
I/O
FORCEON
ICL3221EM
Management
Logic
UART
ICL3221EF
ICL3221EM
FORCEOFF
FORCEON
Power
Master Powerdown Line
1MΩ
0.1µF
Management
Unit
ICL3221EF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com