Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN7552 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # FN7552
Description  ±15kV ESD Protected, 3.3V, 1μA, 250kbps, RS-232 Transmitters/Receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN7552 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button FN7552 Datasheet HTML 13Page - Renesas Technology Corp FN7552 Datasheet HTML 14Page - Renesas Technology Corp FN7552 Datasheet HTML 15Page - Renesas Technology Corp FN7552 Datasheet HTML 16Page - Renesas Technology Corp FN7552 Datasheet HTML 17Page - Renesas Technology Corp FN7552 Datasheet HTML 18Page - Renesas Technology Corp FN7552 Datasheet HTML 19Page - Renesas Technology Corp FN7552 Datasheet HTML 20Page - Renesas Technology Corp FN7552 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
ICL3221EM, ICL3221EF
4. Application Information
FN7552 Rev.2.00
Page 17 of 22
May.29.19
4.13 Pin Compatible Replacements for 5V Devices
The ICL3221EM and ICL3221EF are pin compatible with existing 5V RS-232 transceivers (see the “Features”
section on page 1 for details), which coupled with the low ICC and wide operating supply range, make the
ICL3221EM and ICL3221EF potential lower power, higher performance drop-in replacements for existing 5V
applications. As long as the ±5V RS-232 output swings are acceptable, and transmitter input pull-up resistors are
not required, the ICL3221EM and ICL3221EF should work in most 5V applications.
When replacing a device in an existing 5V application, it is acceptable to terminate C3 to VCC as shown in Figure 1
on page 1. Terminate C3 to GND if possible, as slightly better performance results from this configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com