Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN7552 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # FN7552
Description  ±15kV ESD Protected, 3.3V, 1μA, 250kbps, RS-232 Transmitters/Receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN7552 Datasheet(HTML) 5 Page - Renesas Technology Corp

  FN7552 Datasheet HTML 1Page - Renesas Technology Corp FN7552 Datasheet HTML 2Page - Renesas Technology Corp FN7552 Datasheet HTML 3Page - Renesas Technology Corp FN7552 Datasheet HTML 4Page - Renesas Technology Corp FN7552 Datasheet HTML 5Page - Renesas Technology Corp FN7552 Datasheet HTML 6Page - Renesas Technology Corp FN7552 Datasheet HTML 7Page - Renesas Technology Corp FN7552 Datasheet HTML 8Page - Renesas Technology Corp FN7552 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ICL3221EM, ICL3221EF
2. Specifications
FN7552 Rev.2.00
Page 5 of 22
May.29.19
2.
Specifications
2.1
Absolute Maximum Ratings
2.2
Thermal Information
2.3
Recommended Operating Conditions
2.4
Electrical Specifications
Parameter
Minimum
Maximum
Unit
VCC to Ground
-0.3
6
V
V+ to Ground
-0.3
7
V
V- to Ground
+0.3
-7
V
V+ to V-
14
V
Input Voltages
TIN, FORCEOFF, FORCEON, EN
-0.3
6
V
RIN
±25
V
Output Voltages
TOUT
±13.2
V
ROUT, INVALID
-0.3
VCC +0.3
V
Short-Circuit Duration
TOUT
Continuous
ESD Rating
(See “ESD Performance” on page 7)
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions can adversely
impact product reliability and result in failures not covered by warranty.
Thermal Resistance (Typical, Note 4)θJA (°C/W)
16 Ld TSSOP Package
145
Note:
4. θJA is measured with the component mounted on a low-effective thermal conductivity test board in free air. See TB379.
Parameter
Minimum
Maximum
Unit
Maximum Junction Temperature (Plastic Package)
+150
°C
Maximum Storage Temperature Range
-65
+150
°C
Pb-Free Reflow Profile
see TB493
Parameter
Minimum
Maximum
Unit
Operating Voltage
+3.0
+3.6
V
Temperature Range
ICL3221EM
-55
+125
°C
ICL3221EF
-40
+125
°C
Test conditions: VCC = 3.3V ±10%, C1 - C4 = 0.1µF; unless otherwise specified. Typicals at TA = +25°C. Boldface limits apply across the
operating temperature ranges, -55°C to +125°C (ICL3221EM) and -40°C to +125°C (ICL3221EF).
Parameter
Test Conditions
Temp
(°C)
Min
(Note 6)Typ
Max
(Note 6)Unit
DC Characteristics
Supply Current, Automatic
Power-Down
All RIN Open, FORCEON = GND, FORCEOFF = VCC
Full
1.0
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com