Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN7552 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # FN7552
Description  ±15kV ESD Protected, 3.3V, 1μA, 250kbps, RS-232 Transmitters/Receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN7552 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button FN7552 Datasheet HTML 11Page - Renesas Technology Corp FN7552 Datasheet HTML 12Page - Renesas Technology Corp FN7552 Datasheet HTML 13Page - Renesas Technology Corp FN7552 Datasheet HTML 14Page - Renesas Technology Corp FN7552 Datasheet HTML 15Page - Renesas Technology Corp FN7552 Datasheet HTML 16Page - Renesas Technology Corp FN7552 Datasheet HTML 17Page - Renesas Technology Corp FN7552 Datasheet HTML 18Page - Renesas Technology Corp FN7552 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
ICL3221EM, ICL3221EF
4. Application Information
FN7552 Rev.2.00
Page 15 of 22
May.29.19
When using minimum required capacitor values, make sure that capacitor values do not degrade excessively with
temperature. If in doubt, use capacitors with a larger nominal value. The capacitor’s Equivalent Series Resistance
(ESR) usually rises at low temperatures and it influences the amount of ripple on V+ and V-.
4.8
Power Supply Decoupling
In most circumstances a 0.1µF bypass capacitor is adequate. In applications that are particularly sensitive to
power supply noise, decouple VCC to ground with a capacitor of the same value as the charge-pump capacitor C1.
Connect the bypass capacitor as close as possible to the IC.
4.9
Operation Down to 2.7V
The ICL3221EM and ICL3221EF transmitter outputs meet RS-562 levels (±3.7V), at full data rate, with VCC as low
as 2.7V. RS-562 levels typically ensure interoperability with RS-232 devices.
4.10 Transmitter Outputs when Exiting Powerdown
Figure 12 shows the response of two transmitter outputs when exiting powerdown mode. As they activate, the two
transmitter outputs properly go to opposite RS-232 levels, with no glitching, ringing, nor undesirable transients.
Each transmitter is loaded with 3kΩ in parallel with 2500pF. Note: The transmitters enable only when the
magnitude of the supplies exceed approximately 3V.
Table 6.
Required Capacitor Values
VCC (V)
C1 (µF)
C2, C3, C4 (µF)
3.0 to 3.6
0.1
0.1
Figure 12. Transmitter Outputs When Exiting Powerdown
Time (20µs/Div)
T1
T2
2V/Div
5V/Div
VCC = +3.3V
FORCEOFF
C1 - C4 = 0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com