Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN7552 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # FN7552
Description  ±15kV ESD Protected, 3.3V, 1μA, 250kbps, RS-232 Transmitters/Receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN7552 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button FN7552 Datasheet HTML 3Page - Renesas Technology Corp FN7552 Datasheet HTML 4Page - Renesas Technology Corp FN7552 Datasheet HTML 5Page - Renesas Technology Corp FN7552 Datasheet HTML 6Page - Renesas Technology Corp FN7552 Datasheet HTML 7Page - Renesas Technology Corp FN7552 Datasheet HTML 8Page - Renesas Technology Corp FN7552 Datasheet HTML 9Page - Renesas Technology Corp FN7552 Datasheet HTML 10Page - Renesas Technology Corp FN7552 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ICL3221EM, ICL3221EF
2. Specifications
FN7552 Rev.2.00
Page 7 of 22
May.29.19
Transition Region Slew Rate
VCC = 3.3V,
RL = 3kΩ to 7kΩ,
Measured from 3V to
-3V or -3V to 3V
CL = 150pF to 2500pF
25
4
30
V/µs
CL = 150pF to 1000pF
25
6
30
V/µs
ESD Performance
RS-232 Pins (TOUT, RIN)
Human body model
25
±15
kV
IEC61000-4-2 contact discharge
25
±8
kV
IEC61000-4-2 air gap discharge
25
±15
kV
All Other Pins
Human body model
25
±2
kV
Notes:
5. Transmitter skew is measured at the transmitter zero crossing points.
6. Parts are 100% tested at +25°C. Full temperature limits are established by bench and tester characterization.
Test conditions: VCC = 3.3V ±10%, C1 - C4 = 0.1µF; unless otherwise specified. Typicals at TA = +25°C. Boldface limits apply across the
operating temperature ranges, -55°C to +125°C (ICL3221EM) and -40°C to +125°C (ICL3221EF). (Continued)
Parameter
Test Conditions
Temp
(°C)
Min
(Note 6)Typ
Max
(Note 6)Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com