Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN7552 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # FN7552
Description  ±15kV ESD Protected, 3.3V, 1μA, 250kbps, RS-232 Transmitters/Receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN7552 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button FN7552 Datasheet HTML 10Page - Renesas Technology Corp FN7552 Datasheet HTML 11Page - Renesas Technology Corp FN7552 Datasheet HTML 12Page - Renesas Technology Corp FN7552 Datasheet HTML 13Page - Renesas Technology Corp FN7552 Datasheet HTML 14Page - Renesas Technology Corp FN7552 Datasheet HTML 15Page - Renesas Technology Corp FN7552 Datasheet HTML 16Page - Renesas Technology Corp FN7552 Datasheet HTML 17Page - Renesas Technology Corp FN7552 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
ICL3221EM, ICL3221EF
4. Application Information
FN7552 Rev.2.00
Page 14 of 22
May.29.19
Automatic powerdown operates when the FORCEON input is low, and the FORCEOFF input is high. Tying
FORCEON high disables automatic powerdown, but manual powerdown is always available using the overriding
FORCEOFF input. Table 5 on page 11 summarizes the automatic powerdown functionality.
Devices with the automatic powerdown feature include an INVALID output signal that switches low to indicate that
invalid levels have persisted on all of the receiver inputs for more than 30µs (see Figure 11). INVALID switches
high 1µs after detecting a valid RS-232 level on a receiver input. INVALID operates in all modes (forced or
automatic power-down, or forced on), so it is also useful for systems employing manual powerdown circuitry.
When automatic powerdown is used, INVALID = 0 indicates that the ICL3221EM and ICL3221EF are in
power-down mode.
The time to recover from automatic powerdown mode is typically 100µs.
4.6
Receiver ENABLE Control
The ICL3221EM and ICL3221EF also feature an EN input to control the receiver outputs. Driving EN high
disables all the inverting (standard) receiver outputs placing them in a high impedance state, which is useful to
eliminate supply current, due to a receiver output forward biasing the protection diode, when driving the input of a
powered down (VCC = GND) peripheral (see Figure 6 on page 12).
4.7
Capacitor Selection
The charge pumps require 0.1µF capacitors for 3.3V operation. For other supply voltages, see Table 6 on page 15
for capacitor values. Do not use values smaller than those listed in Table 6. Increasing the capacitor values (by a
factor of 2) reduces ripple on the transmitter outputs and slightly reduces power consumption. C2, C3, and C4 can
be increased without increasing C1’s value; however, do not increase C1 without also increasing C2, C3, and C4 to
maintain the proper ratios (C1 to the other capacitors).
Figure 10. Definition of Valid RS-232 Receiver Levels
Figure 11. Automatic Powerdown and INVALID Timing Diagrams
0.3V
-0.3V
-2.7V
2.7V
Invalid Level - Powerdown Occurs
Valid RS-232 Level - ICL3221EM and ICL3221EF are Active
Valid RS-232 Level - ICL3221EM and ICL3221EF are Active
Indeterminate - Powerdown Can Occur
Indeterminate - Powerdown Can Occur
After 30µs
Receiver
Inputs
Transmitter
Outputs
INVALID
Output
V+
VCC
0
V-
VCC
0
tINVL
tINVH
Invalid
Region
}
AUTOPWDN
PWR UP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com