Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8650SPJVPBF Datasheet(PDF) 27 Page - Analog Devices

Part # LT8650SPJVPBF
Description  Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8650SPJVPBF Datasheet(HTML) 27 Page - Analog Devices

Back Button LT8650SPJVPBF Datasheet HTML 23Page - Analog Devices LT8650SPJVPBF Datasheet HTML 24Page - Analog Devices LT8650SPJVPBF Datasheet HTML 25Page - Analog Devices LT8650SPJVPBF Datasheet HTML 26Page - Analog Devices LT8650SPJVPBF Datasheet HTML 27Page - Analog Devices LT8650SPJVPBF Datasheet HTML 28Page - Analog Devices LT8650SPJVPBF Datasheet HTML 29Page - Analog Devices LT8650SPJVPBF Datasheet HTML 30Page - Analog Devices LT8650SPJVPBF Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
LT8650SP
27
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
COUT2
COUT2
L1
L2
CIN1
CIN2
RT
CFF2
R4
R3
CC2
RC2 RC1
CC1
CFF1
R2
R1
8650sp F09
Figure 9. Recommended Layout
Figure 10. Temperature Rise at 400kHz
with Heat Sink and Airflow
Figure 11. Temperature Rise at 2MHz
with Heat Sink and Airflow
TOTAL OUTPUT CURRENT (A)
0
2
4
6
8
10
12
14
16
0
10
20
30
40
50
60
70
80
90
100
110
120
8650sp F10
NO HEATSINK, NO AIRFLOW
NO HEATSINK, 200LFM
HEATSINK, NO AIRFLOW
HEATSINK, 200LFM
DC2868A DEMO BOARD
VIN = 12V, FSW = 400kHz
VOUT1 = VOUT2 = 3.4V
IOUT1 = IOUT2
TOTAL OUTPUT CURRENT (A)
0
2
4
6
8
10
12
14
16
0
10
20
30
40
50
60
70
80
90
100
110
120
8650sp F11
NO HEATSINK, NO AIRFLOW
NO HEATSINK, 200LFM
HEATSINK, NO AIRFLOW
HEATSINK, 200LFM
DC2868A DEMO BOARD
VIN = 12V, FSW = 2MHz
VOUT1 = 5V, VOUT2 = 3.3V
IOUT1 = IOUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com