Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8650SPJVPBF Datasheet(PDF) 12 Page - Analog Devices

Part # LT8650SPJVPBF
Description  Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8650SPJVPBF Datasheet(HTML) 12 Page - Analog Devices

Back Button LT8650SPJVPBF Datasheet HTML 8Page - Analog Devices LT8650SPJVPBF Datasheet HTML 9Page - Analog Devices LT8650SPJVPBF Datasheet HTML 10Page - Analog Devices LT8650SPJVPBF Datasheet HTML 11Page - Analog Devices LT8650SPJVPBF Datasheet HTML 12Page - Analog Devices LT8650SPJVPBF Datasheet HTML 13Page - Analog Devices LT8650SPJVPBF Datasheet HTML 14Page - Analog Devices LT8650SPJVPBF Datasheet HTML 15Page - Analog Devices LT8650SPJVPBF Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
LT8650SP
12
Rev. B
For more information www.analog.com
PIN FUNCTIONS
BST2 (Pin 18): This pin is used to provide a drive volt-
age, higher than the input voltage, to the top side power
switch of channel 2.
SW2 (Pins 19, 20): The SW2 pin is the output of the chan-
nel 2 internal power switches. Tie these pins together and
connectthemtotheinductorandboostcapacitor.Thisnode
should be kept small on the PCB for good performance.
SW1 (Pins 22, 23): The SW1 pin is the output of the chan-
nel 1 internal power switches. Tie these pins together and
connectthemtotheinductorandboostcapacitor.Thisnode
should be kept small on the PCB for good performance.
BST1 (Pin 24): This pin is used to provide a drive volt-
age, higher than the input voltage, to the top side power
switch of channel 1.
VCC (Pin 25): Internal Regulator Bypass Pin. The internal
power drivers and control circuits are powered from this
voltage. VCC current will be supplied from BIAS if VBIAS >
3.1V, otherwise current will be drawn from VIN1. Voltage
on VCC will vary between 2.8V and 3.3V when VBIAS is
between 3.0V and 3.5V. Decouple this pin to ground with
at least a 1μF low ESR ceramic capacitor. Do not load the
VCC pin with external circuitry.
BIAS(Pin26):Theinternalregulatorwilldrawcurrentfrom
BIAS instead of VIN1 when BIAS is tied to a voltage higher
than 3.1V. For output voltages of 3.3V and above this pin
should be tied to VOUT. If this pin is tied to a supply other
than VOUT use a 1µF local bypass capacitor on this pin.
VC1 (Pin 27): Channel 1 Error Amplifier Output and
Switching Regulator Compensation Pin. Connect this pin
to appropriate external components to compensate the
regulator loop frequency response. Connect this pin to
VCC to use the default internal compensation. If internal
compensation is used, the burst mode quiescent current
is only 2.5µA for channel 1. If external compensation is
used, the burst mode quiescent current is increased to
about 50µA for channel 1.
FB1 (Pin 28): The LT8650SP regulates the FB1 pin to
800mV.Connectthefeedbackresistordividertaptothispin.
SS1 (Pin 29): Channel 1 Output Tracking and Soft-Start
Pin. This pin allows user control of output voltage ramp
rate during startup. A SS1 voltage below 0.8V forces the
LT8650SP to regulate the FB1 pin to equal the SS1 pin
voltage. When SS1 is above 0.8V, the tracking function is
disabled and the internal reference resumes control of the
error amplifier. An internal 2μA pull-up current from VCC
on this pin allows a capacitor to program output voltage
slew rate. This pin is pulled to ground with an internal
200Ω MOSFET during shutdown and fault conditions; use
a series resistor if driving from a low impedance output.
This pin may be left floating if the soft-start feature is not
being used.
SS2 (Pin 30): Channel 2 Output Tracking and Soft-Start
Pin. This pin allows user control of output voltage ramp
rate during startup. A SS2 voltage below 0.8V forces the
LT8650SP to regulate the FB2 pin to equal the SS2 pin
voltage. When SS2 is above 0.8V, the tracking function is
disabled and the internal reference resumes control of the
error amplifier. An internal 2μA pull-up current from VCC
on this pin allows a capacitor to program output voltage
slew rate. This pin is pulled to ground with an internal
200Ω MOSFET during shutdown and fault conditions; use
a series resistor if driving from a low impedance output.
This pin may be left floating if the soft-start feature is not
being used.
FB2 (Pin 31): The LT8650SP regulates the FB2 pin to
800mV.Connectthefeedbackresistordividertaptothispin.
VC2 (Pin 32): Channel 2 Error Amplifier Output and
Switching Regulator Compensation Pin. Connect this pin
to appropriate external components to compensate the
regulator loop frequency response. Connect this pin to
VCC to use the default internal compensation. If internal
compensation is used, the burst mode quiescent current
is only 2.5µA for channel 2. If external compensation is
used, the burst mode quiescent current is increased to
about 50µA for channel 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com