Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8650SPJVPBF Datasheet(PDF) 4 Page - Analog Devices

Part # LT8650SPJVPBF
Description  Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8650SPJVPBF Datasheet(HTML) 4 Page - Analog Devices

  LT8650SPJVPBF Datasheet HTML 1Page - Analog Devices LT8650SPJVPBF Datasheet HTML 2Page - Analog Devices LT8650SPJVPBF Datasheet HTML 3Page - Analog Devices LT8650SPJVPBF Datasheet HTML 4Page - Analog Devices LT8650SPJVPBF Datasheet HTML 5Page - Analog Devices LT8650SPJVPBF Datasheet HTML 6Page - Analog Devices LT8650SPJVPBF Datasheet HTML 7Page - Analog Devices LT8650SPJVPBF Datasheet HTML 8Page - Analog Devices LT8650SPJVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LT8650SP
4
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
5VOUT Efficiency
5VOUT Efficiency
EFFICIENCY
POWER LOSS
L = XFL5030, 1.0µH
12V
24V
36V
fSW = 2MHz
FCM
LOAD CURRENT (A)
0
1
2
3
4
5
6
40
45
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
8650sp G01
FCM
BURST
L = XFL5030, 1.0µH
12V
24V
36V
LOAD CURRENT (mA)
0.1
1
10
100
1k
10k
0
10
20
30
40
50
60
70
80
90
100
fSW = 2MHz
8650sp G02
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Error Amplifier Transconductance
VC = 1.25V
0.9
mS
VC Source Current
VFB = 0.6V, VVC = 1.25V
85
µA
VC Sink Current
VFB = 1.0V, VVC = 1.25V
85
µA
VC Pin to Switch Current Gain
12
A/V
TEMP Output Voltage
ITEMP = 0µA, Temperature = 25°C
ITEMP = 0µA, Temperature = 150°C
250
1440
mV
mV
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT8650SPJ is guaranteed over the full –40°C to 150°C
operating junction temperature range. High junction temperatures degrade
operating lifetimes. Operating lifetime is derated at junction temperatures
greater than 125°C. The junction temperature (TJ, in °C) is calculated from
the ambient temperature (TA in °C) and power dissipation (PD, in Watts)
according to the formula:
TJ = TA + (PD • JA) where JA (in °C/W) is the package thermal
impedance.
Note 3: This IC includes overtemperature protection that is intended to
protect the device during overload conditions. Junction temperature will
exceed 150°C when overtemperature protection is active. Continuous
operation above the specified maximum operating junction temperature
will reduce lifetime.
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com