Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8650SPJVPBF Datasheet(PDF) 31 Page - Analog Devices

Part # LT8650SPJVPBF
Description  Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8650SPJVPBF Datasheet(HTML) 31 Page - Analog Devices

Back Button LT8650SPJVPBF Datasheet HTML 26Page - Analog Devices LT8650SPJVPBF Datasheet HTML 27Page - Analog Devices LT8650SPJVPBF Datasheet HTML 28Page - Analog Devices LT8650SPJVPBF Datasheet HTML 29Page - Analog Devices LT8650SPJVPBF Datasheet HTML 30Page - Analog Devices LT8650SPJVPBF Datasheet HTML 31Page - Analog Devices LT8650SPJVPBF Datasheet HTML 32Page - Analog Devices LT8650SPJVPBF Datasheet HTML 33Page - Analog Devices LT8650SPJVPBF Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
LT8650SP
31
Rev. B
For more information www.analog.com
Four Phase, 5V, 24A, 2MHz Step-Down Converter
TYPICAL APPLICATIONS
8650sp TA07
PG2
VC2
FB2
LT8650SP
SW2
FB1
VC1
PG1
1µH
1µH
BIAS
VIN1
SW1
BST2
BST1
VIN2
EN/UV1
SS2
SS1
CLKOUT
RT
47µF
×3
1206
X5R
10µF
×2
22nF
EN/UV2
TEMP
1µF
15k
fSW = 2MHz
GND SYNC
VCC
VOUT
5V
16A
24A WITH HEAT SINK
PG2
VC2
FB2
LT8650SP
SW2
FB1
VC1
PG1
100k
1µH
1µH
BIAS
VIN1
SW1
BST2
BST1
VIN2
EN/UV1
SS2
SS1
CLKOUT
RT
2.2nF
4.7pF
47µF
×3
1206
X5R
1M
191k
VIN
6V TO 42V
10µF
×2
22nF
2k
EN/UV2
TEMP
1µF
15k
fSW = 2MHz
GND SYNC
VCC
L: XEL6060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com