Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8650SPJVPBF Datasheet(PDF) 14 Page - Analog Devices

Part # LT8650SPJVPBF
Description  Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8650SPJVPBF Datasheet(HTML) 14 Page - Analog Devices

Back Button LT8650SPJVPBF Datasheet HTML 10Page - Analog Devices LT8650SPJVPBF Datasheet HTML 11Page - Analog Devices LT8650SPJVPBF Datasheet HTML 12Page - Analog Devices LT8650SPJVPBF Datasheet HTML 13Page - Analog Devices LT8650SPJVPBF Datasheet HTML 14Page - Analog Devices LT8650SPJVPBF Datasheet HTML 15Page - Analog Devices LT8650SPJVPBF Datasheet HTML 16Page - Analog Devices LT8650SPJVPBF Datasheet HTML 17Page - Analog Devices LT8650SPJVPBF Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
LT8650SP
14
Rev. B
For more information www.analog.com
OPERATION
Foreword
The LT8650SP is a dual monolithic step down regula-
tor. The two channels are the same in terms of current
capability and power switch size. The following sections
describe the operation of channel 1 and common circuits.
They will highlight channel 2 differences and interactions
only when relevant. To simplify the application, both VIN1
and VIN2 are assumed to be connected to the same input
supply. However, note that VIN1 must be greater than 3V
for either channel to operate.
Operation
The LT8650SP is a dual monolithic, constant frequency,
peak current mode step-down DC/DC converter. An oscil-
lator, with frequency set using a resistor on the RT pin,
turns on the internal top power switch at the beginning of
each clock cycle. Current in the inductor then increases
until the top switch current comparator trips and turns
off the top power switch. The peak inductor current at
which the top switch turns off is controlled by the voltage
on the VC node. The error amplifier servos the VC node
by comparing the voltage on the VFB pin with an internal
0.8V reference. When the load current increases it causes
areductioninthefeedbackvoltagerelativetothereference
leading the error amplifier to raise the VC voltage until the
average inductor current matches the new load current.
When the top power switch turns off, the synchronous
power switch turns on until the next clock cycle begins or
inductor current falls to zero when not in forced continu-
ous mode (FCM). If overload conditions result in more
than the bottom NMOS current limit flowing through the
bottom switch, the next clock cycle will be delayed until
switch current returns to a safe level.
The S in LT8650SP refers to the second generation Silent
Switchertechnology.Thistechnologyallowsfastswitching
edges for high efficiency at high switching frequencies,
while simultaneously achieving good EMI performance.
This includes the integration of ceramic capacitors into
the package for VIN1, VIN2, VCC, BST1, and BST2 (C1 to
C5 in the Block Diagram). These caps keep all the fast AC
current loops small, which improves EMI performance.
If either EN/UV pin is low, the corresponding channel is
shut down. If both EN/UV pins are low, the LT8650SP is
fully shut down and draws 1.7µA from the input supply.
When the EN/UV pins are above 0.74V, corresponding
switching regulators will become active. 3.7μA is supplied
by VIN1 to common bias circuits for both channels.
Each channel can independently enter Burst Mode opera-
tion to optimize efficiency at light load. Between bursts,
all circuitry associated with controlling the output switch
is shut down, reducing the channel’s contribution to
input supply current. In a typical application, 6.2μA will
be consumed from input supply when regulating both
channels with no load. Ground the SYNC pin for Burst
Mode operation, float it for forced continuous mode (FCM)
or apply a DC voltage from 2.8V to 4V to use FCM with
spread spectrum modulation (SSM). If a clock is applied
to the SYNC pin both channels will synchronize to the
external clock frequency and operate in FCM. While in
FCM the oscillator operates continuously and rising SW
transitions are aligned to the clock. During light loads,
the inductor current is allowed to go negative to maintain
the programmed switching frequency. Minimum current
limits for both power switches are enforced to prevent
large negative inductor current from flowing back to the
input. SSM dithers the switching frequency from the
programmed value set by the RT pin up to 20% higher
than the programmed value to spread out the switching
energy in the frequency domain. The CLKOUT pin has
no output in Burst Mode, but outputs a square wave 90
degrees phase shifted from channel 1 when in FCM. If a
clock is applied to the SYNC pin, the CLKOUT pin has the
same phase and duty cycle as the external clock.
To improve efficiency across all loads, supply current to
internal circuitry can be sourced from the BIAS pin when
biased at 3.3V or above. Otherwise, the internal circuitry
will draw current exclusively from VIN1. The BIAS pin
should be connected to the lowest VOUT programmed at
3.3V or above.
The VC pin allows the loop compensation of the switch-
ing regulator to be optimized based on the programmed
switching frequency. Internal compensation can be se-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com