Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8650SPJVPBF Datasheet(PDF) 9 Page - Analog Devices

Part # LT8650SPJVPBF
Description  Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8650SPJVPBF Datasheet(HTML) 9 Page - Analog Devices

Back Button LT8650SPJVPBF Datasheet HTML 5Page - Analog Devices LT8650SPJVPBF Datasheet HTML 6Page - Analog Devices LT8650SPJVPBF Datasheet HTML 7Page - Analog Devices LT8650SPJVPBF Datasheet HTML 8Page - Analog Devices LT8650SPJVPBF Datasheet HTML 9Page - Analog Devices LT8650SPJVPBF Datasheet HTML 10Page - Analog Devices LT8650SPJVPBF Datasheet HTML 11Page - Analog Devices LT8650SPJVPBF Datasheet HTML 12Page - Analog Devices LT8650SPJVPBF Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
LT8650SP
9
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Switch Rising Edge
CH1, CH2, and CLKOUT
Start-Up Dropout Performance
Case Temperature Rise without
Heat Sink
Start-Up Dropout Performance
Case Temperature Rise without
Heat Sink
500ns/DIV
SW2
10V/DIV
SW1
10V/DIV
CLKOUT
2V/DIV
VIN = 12V
CH1 = 5VOUT
CH2 = 3.3VOUT
SYNC = FLOAT
8650sp G38
1ns/DIV
VSW
2V/DIV
8650sp G40
FCM
(SYNC FLOAT)
100ms/DIV
VIN
2V/DIV
VOUT
2V/DIV
5 LOAD
(1A IN REGULATION)
8650sp G40
100ms/DIV
VIN
2V/DIV
VOUT
2V/DIV
Burst Mode OPERATION
(SYNC = 0V)
5 LOAD
(1A IN REGULATION)
8650sp G41
LOAD1 CURRENT (A)
0
1
2
3
4
5
6
0
10
20
30
40
50
60
70
80
90
100
110
120
24VIN, LOAD2 = LOAD1
12VIN, LOAD2 = LOAD1
12VIN, LOAD2 = 4A
12VIN, LOAD2 = 0A
DC2407A DEMO BOARD
VOUT1 = 5V, VOUT2 = 3.3V, fSW = 2MHz
8650sp G42
DUTY CYCLE OF PULSED LOAD
0
0.2
0.4
0.6
0.8
1
0
10
20
30
40
50
60
70
80
90
100
CH1 = 0.5A STANDBY, 6A PULSED; CH2 = 0A DC
CH1 = 0.5A STANDBY, 6A PULSED; CH2 = 4A DC
CH1 = CH2 = 2A STANDBY, 6A PULSED
DC2407A DEMO BOARD
VIN1,2 = 12V, fSW = 2MHz
VOUT1 = 5V, VOUT2 = 3.3V
8650sp G43
Temperature Rise at 400kHz with
Heat Sink and Airflow
Temperature Rise at 2MHz with
Heat Sink and Airflow
TOTAL OUTPUT CURRENT (A)
0
2
4
6
8
10
12
14
16
0
10
20
30
40
50
60
70
80
90
100
110
120
8650sp G46
NO HEATSINK, NO AIRFLOW
NO HEATSINK, 200LFM
HEATSINK, NO AIRFLOW
HEATSINK, 200LFM
DC2868A DEMO BOARD
VIN = 12V, FSW = 400kHz
VOUT1 = VOUT2 = 3.4V
IOUT1 = IOUT2
TOTAL OUTPUT CURRENT (A)
0
2
4
6
8
10
12
14
16
0
10
20
30
40
50
60
70
80
90
100
110
120
8650sp G47
NO HEATSINK, NO AIRFLOW
NO HEATSINK, 200LFM
HEATSINK, NO AIRFLOW
HEATSINK, 200LFM
DC2868A DEMO BOARD
VIN = 12V, FSW = 2MHz
VOUT1 = 5V, VOUT2 = 3.3V
IOUT1 = IOUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com