Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8650SPJVPBF Datasheet(PDF) 11 Page - Analog Devices

Part # LT8650SPJVPBF
Description  Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8650SPJVPBF Datasheet(HTML) 11 Page - Analog Devices

Back Button LT8650SPJVPBF Datasheet HTML 7Page - Analog Devices LT8650SPJVPBF Datasheet HTML 8Page - Analog Devices LT8650SPJVPBF Datasheet HTML 9Page - Analog Devices LT8650SPJVPBF Datasheet HTML 10Page - Analog Devices LT8650SPJVPBF Datasheet HTML 11Page - Analog Devices LT8650SPJVPBF Datasheet HTML 12Page - Analog Devices LT8650SPJVPBF Datasheet HTML 13Page - Analog Devices LT8650SPJVPBF Datasheet HTML 14Page - Analog Devices LT8650SPJVPBF Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
LT8650SP
11
Rev. B
For more information www.analog.com
PIN FUNCTIONS
RT (Pin 1): A resistor is tied between RT and ground to
set the switching frequency.
GND (Pins 2, 10, Exposed Pad Pins 33–38): LT8650SP
System Ground. Connect these pins to the system ground
and the board ground plane. Place the negative terminal of
the input capacitors as close to the GND pins as possible.
The exposed pad must be soldered to the PCB in order to
lower the thermal resistance.
VIN1 (Pins 4, 5): The VIN1 pin supplies current to the
LT8650SP internal circuitry and to the internal top side
power switch of channel 1. This pin must be locally
bypassed. Be sure to place the positive terminal of the
input capacitor as close as possible to the VIN1 pin, and
the negative capacitor terminal as close as possible to the
GND pins. VIN1 must be 3V or higher for the LT8650SP
to operate.
VIN2 (Pins 7, 8): The VIN2 pin supplies current to the in-
ternal top side power switch of channel 2. This pin must
be locally bypassed. Be sure to place the positive terminal
of the input capacitor as close as possible to the VIN2 pin,
and the negative capacitor terminal as close as possible
to the GND pins. This input is capable of operating from
a different supply than VIN1. VIN1 must be present to run
channel 2.
EN/UV1 (Pin 11): Channel 1 of the LT8650SP is shut down
when this pin is low and active when this pin is high. The
hysteretic threshold voltage is 0.77V going up and 0.74V
going down. Tie to VIN1 if the shutdown feature is not
used. An external resistor divider from VIN1 can be used
to program a VIN threshold below which channel 1 of the
LT8650SP will shut down. Do not float this pin.
EN/UV2 (Pin 12): Channel 2 of the LT8650SP is shut down
when this pin is low and active when this pin is high. The
hysteretic threshold voltage is 0.77V going up and 0.74V
going down. Tie to VIN2 if shutdown feature is not used. An
external resistor divider from VIN2 can be used to program
a VIN threshold below which channel 2 of the LT8650SP
will shut down. Do not float this pin.
TEMP (Pin 13): Temperature Output Pin. This pin outputs
a voltage proportional to junction temperature. The pin is
250mV for 25°C and has a slope of 9.5mV/°C. The TEMP
pincanreportahigherthanactualtemperatureathighload
currents on channel 1, particularly at high temperature,
high VIN, and high inductor current ripple. For this reason,
the TEMP pin should not be used for active monitoring
or servo loops. See the Applications Information section
for more information.
PG1 (Pin 14): The PG1 pin is the open-drain output of an
internal comparator. PG1 remains low until the FB1 pin
is within ±7.5% of the final regulation voltage, and there
are no fault conditions. PG1 is pulled low during VIN1
UVLO, VCC UVLO, Thermal Shutdown, or when the EN/
UV1 pin is low.
PG2 (Pin 15): The PG2 pin is the open-drain output of an
internal comparator. PG2 remains low until the FB2 pin
is within ±7.5% of the final regulation voltage, and there
are no fault conditions. PG2 is pulled low during VIN1
UVLO, VCC UVLO, Thermal Shutdown, or when the EN/
UV2 pin is low.
SYNC (Pin 16): External Clock Synchronization Input.
Ground this pin for low ripple Burst Mode operation at
low output loads. Apply a DC voltage of 2.8V to 4V or tie
to VCC for forced continuous mode with spread spectrum
modulation. Float the SYNC pin for forced continuous
mode without spread spectrum modulation. Apply a clock
source to the SYNC pin for synchronization to an external
frequency. The LT8650SP will be in forced continuous
mode when an external frequency is applied.
CLKOUT(Pin17):Inforcedcontinuousmode,theCLKOUT
pin provides a 50% duty cycle square wave 90 degrees
out of phase with channel 1. This allows synchronization
with other regulators with up to four phases. When an
external clock is applied to the SYNC pin, the CLKOUT pin
will output a waveform with the same phase, duty cycle,
and frequency as the SYNC waveform. In burst mode,
the CLKOUT pin will be low. Float this pin if the CLKOUT
function is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com