Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8650SPJVPBF Datasheet(PDF) 19 Page - Analog Devices

Part # LT8650SPJVPBF
Description  Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8650SPJVPBF Datasheet(HTML) 19 Page - Analog Devices

Back Button LT8650SPJVPBF Datasheet HTML 15Page - Analog Devices LT8650SPJVPBF Datasheet HTML 16Page - Analog Devices LT8650SPJVPBF Datasheet HTML 17Page - Analog Devices LT8650SPJVPBF Datasheet HTML 18Page - Analog Devices LT8650SPJVPBF Datasheet HTML 19Page - Analog Devices LT8650SPJVPBF Datasheet HTML 20Page - Analog Devices LT8650SPJVPBF Datasheet HTML 21Page - Analog Devices LT8650SPJVPBF Datasheet HTML 22Page - Analog Devices LT8650SPJVPBF Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
LT8650SP
19
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
Each channel has a secondary bottom switch current limit.
Afterthetopswitchhasturnedoff,thebottomswitchcarries
the inductor current. If for any reason the inductor current
is too high, the bottom switch will remain on, delaying the
top switch turning on until the inductor current returns to
a safe level. This level is specified as the Bottom NMOS
Current Limit, and is independent of duty cycle. Maximum
output current in the application circuit is limited to this
valley current plus one half of the inductor ripple current.
In most cases current limit is enforced by the top switch.
Thebottomswitchlimitcontrolstheinductorcurrentwhen
the minimum on-time condition is violated (high input
voltage, high frequency or saturated inductor).
The bottom switch current limit is designed to be equal to
thepeakcurrentlimittoavoidanycontributiontomaximum
rated current of the LT8650SP.
For more information about maximum output current and
discontinuous operation, see the Analog Devices, Inc.
Application Note 44.
Table 2. Inductor Manufacturers
VENDOR
URL
Coilcraft
www.coilcraft.com
Sumida
www.sumida.com
Wurth Elektronik
www.we-online.com
Vishay
www.vishay.com
Input Capacitor
Bypass the input of the LT8650SP circuit with a ceramic
capacitor of X7R or X5R type placed as close as possible
totheVINandGNDpins.Y5Vtypeshavepoorperformance
over temperature and applied voltage, and should not be
used. A 4.7μF to 10μF ceramic capacitor is adequate to
bypass the LT8650SP and will easily handle the ripple
current. Note that larger input capacitance is required
when a lower switching frequency is used. If the input
power source has high impedance, or there is significant
inductance due to long wires or cables, additional bulk
capacitance may be necessary. This can be provided with
a low performance electrolytic capacitor.
Step-down regulators draw current from the input sup-
ply in pulses with very fast rise and fall times. The input
capacitor is required to reduce the resulting voltage ripple
at the LT8650SP and to force this very high frequency
switching current into a tight local loop, minimizing EMI.
Typically a 0.1µF capacitor in a small 0402 case size is
placed as close as possible to the LT8650SP and a larger
bulk ceramic is added for more capacitance (see the PCB
Layoutsection).Asecondprecautionregardingtheceramic
input capacitor concerns the maximum input voltage rat-
ing of the LT8650SP. A ceramic input capacitor combined
with trace or cable inductance forms a high quality (under
damped) tank circuit. If the LT8650SP circuit is plugged
into a live supply, the input voltage can ring to twice its
nominal value, possibly exceeding the LT8650SP’s volt-
age rating. This situation is easily avoided (see the Analog
Devices, Inc. Application Note 88).
Output Capacitor and Output Ripple
The output capacitor has two essential functions. Along
with the inductor, it filters the square wave generated by
the LT8650SP to produce the DC output. In this role it
determines the output ripple, thus low impedance at the
switching frequency is important. The second function
is to store energy in order to satisfy transient loads and
stabilize the LT8650SP’s control loop. Ceramic capaci-
tors have very low equivalent series resistance (ESR) and
provide the best ripple performance. For good starting
values, see the Typical Applications section.
Use X5R or X7R types. This choice will provide low output
rippleandgoodtransientresponse.Transientperformance
can be improved with a higher value output capacitor and
the addition of a feed forward capacitor placed between
VOUT and FB. Increasing the output capacitance will also
decrease the output voltage ripple. A lower value of output
capacitor can be used to save space and cost but transient
performancewillsufferandmaycauseloopinstability.See
the Typical Applications in this data sheet for suggested
capacitor values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com