Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8650SPJVPBF Datasheet(PDF) 8 Page - Analog Devices

Part # LT8650SPJVPBF
Description  Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8650SPJVPBF Datasheet(HTML) 8 Page - Analog Devices

Back Button LT8650SPJVPBF Datasheet HTML 4Page - Analog Devices LT8650SPJVPBF Datasheet HTML 5Page - Analog Devices LT8650SPJVPBF Datasheet HTML 6Page - Analog Devices LT8650SPJVPBF Datasheet HTML 7Page - Analog Devices LT8650SPJVPBF Datasheet HTML 8Page - Analog Devices LT8650SPJVPBF Datasheet HTML 9Page - Analog Devices LT8650SPJVPBF Datasheet HTML 10Page - Analog Devices LT8650SPJVPBF Datasheet HTML 11Page - Analog Devices LT8650SPJVPBF Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
LT8650SP
8
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Temperature Monitor Pin
Bias Pin Current per Channel
Bias Pin Current per Channel
Transient Response Internal
Compensation
Transient Response Internal
Compensation
Transient Response External
Compensation
BELOW 5°C: 10kΩ RESISTOR
FROM TEMP TO –2V
ABOVE 5°C: FLOAT TEMP
EN2 = 0V, SS1=0V, FCM
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
–0.55
–0.25
0.05
0.35
0.65
0.95
1.25
1.55
8650sp G29
INPUT VOLTAGE (V)
5
10
15
20
25
30
35
40
45
14.0
14.5
15.0
15.5
16.0
16.5
17.0
17.5
18.0
fSW = 2MHz
LOAD = 1A
8650sp G30
SWITCHING FREQUENCY (MHZ)
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10
12
14
16
18
20
22
24
VIN = 12V
LOAD = 2A
8650sp G31
20µs/DIV
VOUT
100mV/DIV
ILOAD
2A/DIV
2A TO 4A TRANSIENT
3.3VOUT
COUT = 47µF ×2
FCM, fSW = 2MHz
8650sp G32
20µs/DIV
VOUT
100mV/DIV
ILOAD
2A/DIV
40mA TO 2A TRANSIENT
3.3VOUT
COUT = 47µF ×2
FCM, fSW = 2MHz
8650sp G33
20µs/DIV
VOUT
100mV/DIV
ILOAD
2A/DIV
2A TO 4A TRANSIENT
3.3VOUT
COUT = 47µF ×2
FCM, fSW = 2MHz
CC = 220pF, RC = 14k
8650sp G34
Forced Continuous Mode (FCM)
Burst Mode Operation
Transient Response External
Compensation
40mA TO 2A TRANSIENT
3.3VOUT
COUT = 47µF ×2
FCM, fSW = 2MHz
CC = 220pF, RC = 14k
20µs/DIV
VOUT
100mV/DIV
ILOAD
2A/DIV
8650sp G35
2µs/DIV
SW
5V/DIV
IL
1A/DIV
12VIN TO 5VOUT AT 100mA
SYNC = FLOAT
8650sp G36
2µs/DIV
SW
5V/DIV
IL
1A/DIV
12VIN TO 5VOUT AT 100mA
SYNC = 0V
8650sp G37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com