Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8650SPJVPBF Datasheet(PDF) 15 Page - Analog Devices

Part # LT8650SPJVPBF
Description  Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8650SPJVPBF Datasheet(HTML) 15 Page - Analog Devices

Back Button LT8650SPJVPBF Datasheet HTML 11Page - Analog Devices LT8650SPJVPBF Datasheet HTML 12Page - Analog Devices LT8650SPJVPBF Datasheet HTML 13Page - Analog Devices LT8650SPJVPBF Datasheet HTML 14Page - Analog Devices LT8650SPJVPBF Datasheet HTML 15Page - Analog Devices LT8650SPJVPBF Datasheet HTML 16Page - Analog Devices LT8650SPJVPBF Datasheet HTML 17Page - Analog Devices LT8650SPJVPBF Datasheet HTML 18Page - Analog Devices LT8650SPJVPBF Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
LT8650SP
15
Rev. B
For more information www.analog.com
OPERATION
lected by connecting the VC pin to VCC, which simplifies
the application circuit. External compensation improves
the transient response at the expense of about 50µA more
quiescent current per channel.
Comparators monitoring the FB pin voltage will pull the
corresponding PG pin low if the output voltage varies
more than ±7.5% (typical) from the regulation voltage or
if a fault condition is present.
The voltage present at the TEMP pin is proportional to
the average die temperature of the LT8650SP. The TEMP
pin will be 250mV for a die temperature of 25°C and will
have a slope of 9.5mV/°C
Tracking soft-start is implemented by providing constant
current via the SS pin to an external soft-start capacitor
to generate a voltage ramp. FB voltage is regulated to
the voltage at the SS pin until it exceeds 0.8V; FB is then
regulated to the reference 0.8V. When the SS pin is below
40mV, the corresponding switching regulator will stop
switching. The SS capacitor is reset during shutdown,
VIN1 undervoltage, or thermal shutdown.
Both channels are designed for output currents up to 8A,
but thermal considerations practically limit the output
currents to 4A of continuous current from each channel
simultaneously without a heat sink on the top of the pack-
age. With a heat sink on the top of the package, up to 6A
of continuous current can be supplied by each channel
simultaneously. Channel 1 has a minimum VIN1 require-
ment of 3V, channel 2 can operate with no minimum VIN2
provided the minimum VIN1 has been satisfied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com