Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8650SPJVPBF Datasheet(PDF) 1 Page - Analog Devices

Part # LT8650SPJVPBF
Description  Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8650SPJVPBF Datasheet(HTML) 1 Page - Analog Devices

  LT8650SPJVPBF Datasheet HTML 1Page - Analog Devices LT8650SPJVPBF Datasheet HTML 2Page - Analog Devices LT8650SPJVPBF Datasheet HTML 3Page - Analog Devices LT8650SPJVPBF Datasheet HTML 4Page - Analog Devices LT8650SPJVPBF Datasheet HTML 5Page - Analog Devices LT8650SPJVPBF Datasheet HTML 6Page - Analog Devices LT8650SPJVPBF Datasheet HTML 7Page - Analog Devices LT8650SPJVPBF Datasheet HTML 8Page - Analog Devices LT8650SPJVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LT8650SP
1
Rev. B
For more information www.analog.com
Document Feedback
LOAD CURRENT (A)
0
1
2
3
4
5
6
40
45
50
55
60
65
70
75
80
85
90
95
100
CH1 5V
CH2 3.3V
VIN1 = VIN2 = 12V
fSW = 2MHz
8650sp TA01b
The LT®8650SP is a dual step-down regulator that delivers
up to 6A of continuous current from both channels with a
heat sink and supports loads up to 8A from each channel.
The LT8650SP features second generation Silent Switcher
architecture to minimize EMI emissions while delivering
high efficiency at high switching frequencies. This includes
integrationofbypasscapacitorstooptimizehighfrequency
current loops and make it easy to achieve advertised EMI
performancebyeliminatinglayoutsensitivity.Thetopofthe
package features exposed die for heat sink attach which is
required to meet maximum output current ratings.
Thefast,clean,low-overshootswitchingedgesenablehigh
efficiency operation even at high switching frequencies,
leading to a small overall solution size. Peak current mode
control with a 40ns minimum on-time allows high step
down ratios at high switching frequencies.
Burst Mode operation features a 6.2μA quiescent current
resulting in high efficiency at low output currents, forced
continuous mode allows fixed switching frequency opera-
tionovertheentireoutputloadrange,andspreadspectrum
operation can further reduce EMI emissions. External VC
pins allow optimal loop compensation for fast transient
response. The VC pins can also be used for current sharing
andtheCLKOUTpinenablessynchronizingtwoLT8650SP
chips to generate a 4-phase, 24A supply.
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Dual Channel 6A, 42V, Synchronous Step-Down
Silent Switcher 2 with 6.2µA Quiescent Current
5V/6A, 3.3V/6A 2MHz Step-Down Converter
Efficiency
APPLICATIONS
n
Silent Switcher®2 Architecture:
n
Ultralow EMI on Any PCB
n
Eliminates PCB Layout Sensitivity
n
Internal Bypass Capacitors Reduce Radiated EMI
n
Optional Spread Spectrum Modulation
n
Exposed Die Package for Heat Sink Mount
n
6A DC from Each Channel Simultaneously
n
Up to 8A on Either Channel
n
Ultralow Quiescent Current Burst Mode® Operation:
n
6.2μA IQ Regulating 12VIN to 5VOUT1 and 3.3VOUT2
n
Output Ripple <10mVP-P
n
Optional External VC Pin: Fast Transient Response
and Current Sharing (Extra 50µA IQ/Channel)
n
Forced Continuous Mode
n
High Efficiency at High Frequency
n
94.6% Efficiency at 2A, 5VOUT from 12VIN at 2MHz
n
93.3% Efficiency at 4A, 5VOUT from 12VIN at 2MHz
n
Fast Minimum Switch-On Time: 40ns
n
Wide Input Voltage Range: 3.0V to 42V
n
Adjustable and Synchronizable: 300kHz to 3MHz
n
4mm × 6mm 32-Lead LQFN Exposed Back Package
n
AEC-Q100 Qualified for Automotive Applications
n
General Purpose Step-Down
n
Automotive and Industrial Supplies
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. patents, including 8823345.
8650sp TA01a
VIN2
VIN2
3.7V TO 42V
VOUT2
3.3V
6A
EN/UV2
LT8650SP
SW2
FB2
VC2
VCC
SS2
10µF
1.0µH
VIN1
EN/UV1
SW1
FB1
VC1
VCC
SS1
RT
BIAS
10nF
4.7pF
47µF
×2
1M
316k
VIN1
5.4V TO 42V
VOUT1
5V
6A
10µF
10nF
47µF
×2
4.7pF
1M
191k
1.0µH
1µF
15k
fSW = 2MHz
GND SYNC
VCC


Similar Part No. - LT8650SPJVPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8650S LINER-LT8650S Datasheet
394Kb / 6P
Dual Channel 42V, 4A Synchronous Step-Down Silent Switcher with 6.2關A Quiescent Current
logo
Analog Devices
LT8650S AD-LT8650S Datasheet
2Mb / 30P
Dual Channel 2A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2關A Quiescent Current
LT8650S AD-LT8650S Datasheet
4Mb / 40P
5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
02/21-REV.A
LT8650S AD-LT8650S Datasheet
2Mb / 26P
5V, 12.5A Synchronous Step-Down Silent Switcher in 3mm x 3mm LQFN
LT8650S AD-LT8650S Datasheet
2Mb / 28P
5V, 12.5A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
01/21-REV.A
More results

Similar Description - LT8650SPJVPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8614 LINER-LT8614_15 Datasheet
511Kb / 24P
42V, 4A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8640 LINER-LT8640_15 Datasheet
751Kb / 26P
42V, 5A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8614 LINER-LT8614 Datasheet
252Kb / 6P
42V, 4A Micropower Synchronous Step-Down Silent Switcher
LT8640S LINER-LT8640S Datasheet
569Kb / 8P
42V, 6A Micropower Synchronous Step-Down Silent Switcher 2
LT8650S LINER-LT8650S Datasheet
394Kb / 6P
Dual Channel 42V, 4A Synchronous Step-Down Silent Switcher with 6.2關A Quiescent Current
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LT8650S-1 AD-LT8650S-1 Datasheet
1Mb / 32P
Dual Channel 4A, 42V, Synchronous Step-Down Silent Switcher
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
5V, 6A Synchronous Step-Down Silent Switcher
LT8653S AD-LT8653S Datasheet
2Mb / 30P
Dual Channel 2A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2關A Quiescent Current
LT8645S AD-LT8645S_V01 Datasheet
2Mb / 30P
65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com