Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8650SPJVPBF Datasheet(PDF) 29 Page - Analog Devices

Part # LT8650SPJVPBF
Description  Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8650SPJVPBF Datasheet(HTML) 29 Page - Analog Devices

Back Button LT8650SPJVPBF Datasheet HTML 25Page - Analog Devices LT8650SPJVPBF Datasheet HTML 26Page - Analog Devices LT8650SPJVPBF Datasheet HTML 27Page - Analog Devices LT8650SPJVPBF Datasheet HTML 28Page - Analog Devices LT8650SPJVPBF Datasheet HTML 29Page - Analog Devices LT8650SPJVPBF Datasheet HTML 30Page - Analog Devices LT8650SPJVPBF Datasheet HTML 31Page - Analog Devices LT8650SPJVPBF Datasheet HTML 32Page - Analog Devices LT8650SPJVPBF Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
LT8650SP
29
Rev. B
For more information www.analog.com
5V, 3.3V, 2MHz Step-Down Converter with FCM and External Compensation
8650sp TA02
VIN2
VIN2
4.2V TO 42V
VOUT2
3.3V
4A
6A WITH HEAT SINK
EN/UV2
BST2
LT8650SP
SW2
FB2
VC2
SS2
PG2
100k
10µF
1µH
BIAS
VIN1
EN/UV1
BST1
SW1
FB1
VC1
SS1
PG1
CLKOUT
RT
10nF
470pF
4.7pF
47µF
×2
1206
X5R
1M
316k
VIN1
6V TO 42V
VOUT1
5V
4A
6A WITH HEAT SINK
10µF
330pF
10nF
47µF
×2
1206
X5R
4.7pF
1M
191k
15k
TEMP
100k
1µH
1µF
15k
fSW = 2MHz
GND SYNC
VCC
15k
L: XEL6060
TYPICAL APPLICATIONS
5V, 1.8V, 2MHz Step-Down Converter with Burst Mode and Internal Compensation
8650sp TA03
VIN2
VIN2
2.3V TO 42V
VOUT2
1.8V
4A
6A WITH HEAT SINK
EN/UV2
BST2
LT8650SP
SW2
FB2
VC2
VCC
SS2
PG2
10µF
0.33µH
VIN1
EN/UV1
BST1
SW1
FB1
VC1
VCC
SS1
PG1
BIAS
CLKOUT
RT
10nF
4.7pF
47µF
×3
1206
X5R
1M
806k
VIN1
5.4V TO 42V
VOUT1
5V
4A
6A WITH HEAT SINK
10µF
10nF
47µF
×2
1206
X5R
4.7pF
1M
191k
TEMP
1µH
1µF
15k
L: XEL6060
fSW = 2MHz
GND SYNC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com