Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8650SPJVPBF Datasheet(PDF) 2 Page - Analog Devices

Part # LT8650SPJVPBF
Description  Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8650SPJVPBF Datasheet(HTML) 2 Page - Analog Devices

  LT8650SPJVPBF Datasheet HTML 1Page - Analog Devices LT8650SPJVPBF Datasheet HTML 2Page - Analog Devices LT8650SPJVPBF Datasheet HTML 3Page - Analog Devices LT8650SPJVPBF Datasheet HTML 4Page - Analog Devices LT8650SPJVPBF Datasheet HTML 5Page - Analog Devices LT8650SPJVPBF Datasheet HTML 6Page - Analog Devices LT8650SPJVPBF Datasheet HTML 7Page - Analog Devices LT8650SPJVPBF Datasheet HTML 8Page - Analog Devices LT8650SPJVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LT8650SP
2
Rev. B
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN1, VIN2, EN/UV1, EN/UV2, PG1, PG2.....................42V
BIAS..........................................................................30V
FB1, FB2, SS1, SS2 . ...................................................4V
VC1, VC2..................................................................3.5V
SYNC. .........................................................................6V
Operating Junction Temperature Range (Note 2)
LT8650SPJ ............................................–40 to 150°C
Storage Temperature Range ..................–65 to 150°C
Maximum Reflow (Package Body)
Temperature......................................................260°C
(Note 1)
LQFN PACKAGE
32-LEAD (4mm × 6mm × 0.94mm)
θJA = 15.6°C/W, (Based on Demoboard)
θJC-TOP = 0.93°C/W,
θJC-BOTTOM = 4.4°C/W
EXPOSED PAD (PINS 33, 34, 35, 36, 37, 38) ARE GND, MUST BE SOLDERED TO PCB
EXPOSED DIE AT TOP OF PACKAGE MUST HAVE HEAT SINK ATTACHED
FOR FULL PERFORMANCE
TOP VIEW
27
28
29
30
31
32
16
15
14
13
12
11
26
25
24
23
22
20
19
18
17
BIAS
VCC
BST1
SW1
SW1
SW2
SW2
BST2
CLKOUT
1
2
4
5
7
8
10
RT
GND
VIN1
VIN1
VIN2
VIN2
GND
33
GND
34
GND
35
GND
36
GND
37
GND
38
GND
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PAD OR BALL
FINISH
PART MARKING*
PACKAGE DESCRIPTION**
MSL
RATING
TEMPERATURE
RANGE (SEE NOTE 2)
DEVICE
FINISH CODE
LT8650SPJV#PBF
LT8650SPJV#TRPBF
Au (RoHS)
8650SPV
e4
LQFN (Laminate
Package with QFN
Footprint)
3
–40°C to 150°C
AUTOMOTIVE PRODUCTS***
LT8650SPJV#WPBF LT8650SPJV#WTRPBF
Au (RoHS)
8650SPV
e4
LQFN (Laminate
Package with QFN
Footprint)
3
–40°C to 150°C
• Contact the factory for parts specified with wider operating temperature ranges.
*The temperature grade is identified by a label on the shipping container
Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Recommended LGA and BGA PCB Assembly and
Manufacturing Procedures
• LGA and BGA Package and Tray Drawings
**The LT8650SP package has the same dimensions as a standard 6mm × 4mm QFN package
***Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com