Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8650SPJVPBF Datasheet(PDF) 25 Page - Analog Devices

Part # LT8650SPJVPBF
Description  Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8650SPJVPBF Datasheet(HTML) 25 Page - Analog Devices

Back Button LT8650SPJVPBF Datasheet HTML 21Page - Analog Devices LT8650SPJVPBF Datasheet HTML 22Page - Analog Devices LT8650SPJVPBF Datasheet HTML 23Page - Analog Devices LT8650SPJVPBF Datasheet HTML 24Page - Analog Devices LT8650SPJVPBF Datasheet HTML 25Page - Analog Devices LT8650SPJVPBF Datasheet HTML 26Page - Analog Devices LT8650SPJVPBF Datasheet HTML 27Page - Analog Devices LT8650SPJVPBF Datasheet HTML 28Page - Analog Devices LT8650SPJVPBF Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
LT8650SP
25
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
Clock Output
The CLKOUT pin outputs a clock which can be used to
synchronous other regulators to the LT8650SP. In Burst
Mode (SYNC pin low), the CLKOUT pin is grounded. In
forced continuous mode (SYNC pin float or DC high), the
CLKOUT pin outputs a 50% duty cycle clock where the
CLKOUT rising edge is approximately 90 degrees phase
shifted relative to channel 1. If this CLKOUT waveform is
applied to the SYNC pin of another LT8650SP regulator,
then four-phase operation can be achieved. If an external
clock is applied to the SYNC pin of the LT8650SP, then the
CLKOUT pin will output a waveform with the same phasing
and duty cycle as the SYNC pin clock. The low and high
levels of the CLKOUT pin are ground and VCC,respectively.
The drive strength of the CLKOUT pin is several hundred
ohms, so the CLKOUT waveform has rise and fall times
of several tens of ns. The edge rates will be slower if the
CLKOUT trace has extra capacitance.
Temperature Monitor Function
The TEMP pin will output a voltage proportional to die
temperature. The TEMP pin typically outputs 250mV for
25°C and has a slope of 9.5mV/°C. Without the aid of an
external circuitry, the TEMP pin output is valid from 20°C
to 150°C (200mV to 1.5V). Do not load the TEMP pin
with more than 100µA. To extend the TEMP pin output
below 20°C, connect a resistor from the TEMP pin to a
negative voltage.
The TEMP pin can report a higher than actual temperature
at high load currents on channel 1, particularly at high
temperature, high VIN, and high inductor current ripple.
For this reason, the TEMP pin should not be used for ac-
tive monitoring or servo loops.
As a safeguard, the LT8650SP has an additional thermal
shutdown set at a typical value of 165°C. This is an in-
dependent circuit from the TEMP pin monitor circuit If
the thermal shutdown is exceeded, both channels of the
LT8650SP will be shutdown until the thermal overload
event expires.
It should be noted that the TEMP pin voltage represents
the steady-state, average die temperature and should not
beusedtoguaranteethatmaximumjunctiontemperatures
are not exceeded. Instantaneous power along with ther-
mal gradients and time constants may cause portions of
the die to exceed maximum ratings. Be sure to calculate
die temperature rise for steady state (>1 Min) as well as
impulse conditions.
Shorted and Reversed Input Protection
The LT8650SP will tolerate a shorted output. The bottom
switch current is monitored such that if inductor current
is beyond safe levels switching of the top switch will be
delayed until such time as the inductor current falls to
safe levels. Fault condition of one channel will not affect
the operation of the other channel, unless the part goes
into thermal shutdown.
Thereisanothersituationtoconsiderinsystemswherethe
output will be held high when the input to the LT8650SP is
absent. This may occur in battery charging applications or
in battery backup systems where a battery or some other
supply is ORed with channel 1’s output. If the VIN1 pin is
allowed to float and either EN/UV pin is held high (either
by a logic signal or because it is tied to VIN1), then the
LT8650SP’sinternalcircuitrywillpullitsquiescentcurrent
through its SW1 pin. This is acceptable if the system can
tolerate current draw in this state. If both EN/UV pins are
grounded the SW1 pin current will drop to near 1.7µA.
However, if the VIN1pinisgroundedwhilechannel1output
is held high, regardless of EN/UV1, parasitic body diodes
inside the LT8650SP can pull current from the output
through the SW1 pin and the VIN1 pin, damaging the IC.
VIN2 is not connected to the shared internal supply and
will not draw any current if left floating. If both VIN1 and
VIN2 are floating, regardless of EN/UV pins states, no load
will be present at the output of channel 2. However, if the
VIN2 pin is grounded while channel 2 output is held high,
parasitic body diodes inside the LT8650SP can pull cur-
rent from the output through the SW2 pin and the VIN2
pin, damaging the IC.
Figure 8 shows a connection of the VIN and EN/UV pins
that will allow the LT8650SP to run only when the input
voltage is present and that protects against a shorted or
reversed input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com