Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8650SPJVPBF Datasheet(PDF) 7 Page - Analog Devices

Part # LT8650SPJVPBF
Description  Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8650SPJVPBF Datasheet(HTML) 7 Page - Analog Devices

Back Button LT8650SPJVPBF Datasheet HTML 3Page - Analog Devices LT8650SPJVPBF Datasheet HTML 4Page - Analog Devices LT8650SPJVPBF Datasheet HTML 5Page - Analog Devices LT8650SPJVPBF Datasheet HTML 6Page - Analog Devices LT8650SPJVPBF Datasheet HTML 7Page - Analog Devices LT8650SPJVPBF Datasheet HTML 8Page - Analog Devices LT8650SPJVPBF Datasheet HTML 9Page - Analog Devices LT8650SPJVPBF Datasheet HTML 10Page - Analog Devices LT8650SPJVPBF Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
LT8650SP
7
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Frequency
Burst Frequency
Soft-Start Tracking
Soft-Start Current
EN Pin Thresholds
PG High Threshold
RT = 15kΩ
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
8650sp G20
LOAD CURRENT (A)
0
0.20
0.40
0.60
0.80
1.00
1.20
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
VIN1 = VIN2 = 12V
VOUT = 5V
SYNC = 0V
RT = 15k
L = 1.0µH
8650sp G21
SS VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.2
0.4
0.6
0.8
1.0
8650sp G22
VSS = 0.4V
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
8650sp G23
EN RISING
EN FALLING
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
0.70
0.71
0.72
0.73
0.74
0.75
0.76
0.77
0.78
8650sp G24
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
RISING
8650sp G25
PG Low Threshold
RT Programmed Switching
Frequency
Minimum Input Voltage
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
–10.0
–9.5
–9.0
–8.5
–8.0
–7.5
–7.0
–6.5
–6.0
–5.5
–5.0
FALLING
8650sp G26
SWITCHING FREQUENCY (MHZ)
0
0.5
1
1.5
2
2.5
3
0
15
30
45
60
75
90
105
120
135
150
8650sp G27
VIN1 = VIN2
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
2.0
2.2
2.4
2.6
2.8
3.0
8650sp G28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com