Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8650SPJVPBF Datasheet(PDF) 24 Page - Analog Devices

Part # LT8650SPJVPBF
Description  Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8650SPJVPBF Datasheet(HTML) 24 Page - Analog Devices

Back Button LT8650SPJVPBF Datasheet HTML 20Page - Analog Devices LT8650SPJVPBF Datasheet HTML 21Page - Analog Devices LT8650SPJVPBF Datasheet HTML 22Page - Analog Devices LT8650SPJVPBF Datasheet HTML 23Page - Analog Devices LT8650SPJVPBF Datasheet HTML 24Page - Analog Devices LT8650SPJVPBF Datasheet HTML 25Page - Analog Devices LT8650SPJVPBF Datasheet HTML 26Page - Analog Devices LT8650SPJVPBF Datasheet HTML 27Page - Analog Devices LT8650SPJVPBF Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
LT8650SP
24
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
Synchronization
To select low ripple Burst Mode operation, tie the SYNC pin
below 0.4V (this can be ground or a logic low output). To
select forced continuous mode (FCM), float the SYNC pin.
To select FCM with spread spectrum modulation (SSM),
tie the SYNC pin above 2.8V (SYNC can be tied to VCC).
To synchronize the LT8650SP oscillator to an external
frequency connect a square wave (with 20% to 80% duty
cycle) to the SYNC pin. The square wave amplitude should
have valleys that are below 0.4V and peaks above 1.5V
(up to 6V). When synchronized to an external clock the
LT8650SP will use FCM.
Channel 1 will synchronize its positive switch edge transi-
tions to the positive edge of the SYNC signal, and channel
2 will synchronize to the negative edge of the SYNC signal.
The LT8650SP may be synchronized over a 300kHz to
3MHz range. The RT resistor should be chosen to set the
LT8650SPswitchingfrequencyequaltoorbelowthelowest
synchronization input. For example, if the synchronization
signal will be 500kHz and higher, the RTshouldbeselected
for nominal 500kHz.
The slope compensation is set by the RT value, while the
minimum slope compensation required to avoid sub-
harmonic oscillations is established by the inductor size,
input voltage, and output voltage. Since the synchroniza-
tion frequency will not change the slopes of the inductor
current waveform, if the inductor is large enough to avoid
subharmonic oscillations at the frequency set by RT, then
the slope compensation will be sufficient for all synchro-
nization frequencies.
A synchronizing signal that incorporates spread spectrum
may reduce EMI. The duty cycle of the SYNC signal can
be used to set the relative phasing of the two channels
for minimizing input ripple.
Forced Continuous Mode
Forcedcontinuousmode(FCM)isactivatedbyeitherfloat-
ing the SYNC pin, tying the SYNC pin to VCC, applying a
DC voltage above 2.8V to the SYNC pin, or applying an
external clock to the SYNC pin.
While in FCM discontinuous mode operation is disabled
and the inductor current is allowed to go negative so that
the regulator can switch at the programmed frequency
all the way down to zero output current. This has the
advantage of maintaining the programmed switching
frequency across the entire load range so that the switch
harmonics and EMI are consistent and predictable. The
disadvantage of FCM is that the light load efficiency will
be low compared to Burst Mode operation.
At low input voltages when the part enters dropout, the
programmed switching frequency will be maintained
and off time skipping will not be allowed. This keeps the
switching frequency controlled, but the dropout voltage
will be higher than in burst mode, due to maximum duty
cycle constraints.
The negative inductor current is limited to a maximum of
about –2.5A, so the LT8650SP can only sink a maximum
of about –1.3A. This prevents boosting an excessive
amount of current back from the output to the input. FCM
is disabled if the input voltage is greater than 37V to pre-
vent overvoltaging the LT8650SP if the input capacitor is
charged when sinking current from the output. Additional
safety features include disabling FCM when the SS pin
voltage is below 1.8V to prevent discharging the output
when starting up into a pre-biased output, and a bottom
FET current limit to prevent over charging the output if
the minimum on time is violated.
Spread Spectrum Modulation
Spread spectrum modulation (SSM) is activated by tying
the SYNC pin to VCC or applying a DC voltage from 2.8V
to 4V to the SYNC pin. SSM reduces the EMI emissions
by modulating the switching frequency between the value
programmed by RT to approximately 20% higher than that
value. The switching frequency is modulated linearly up
and then linearly down at a 5kHz rate. This is an analog
function, so each switching period will be different than
the previous one. For example, when the LT8650SP is
programmed to 2MHz and the SSM feature is enabled,
the switching frequency will vary from 2MHz to 2.4MHz
at a 5kHz rate. When in SSM, the part will also operate in
forced continuous mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com