Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8650SPJVPBF Datasheet(PDF) 34 Page - Analog Devices

Part # LT8650SPJVPBF
Description  Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8650SPJVPBF Datasheet(HTML) 34 Page - Analog Devices

Back Button LT8650SPJVPBF Datasheet HTML 26Page - Analog Devices LT8650SPJVPBF Datasheet HTML 27Page - Analog Devices LT8650SPJVPBF Datasheet HTML 28Page - Analog Devices LT8650SPJVPBF Datasheet HTML 29Page - Analog Devices LT8650SPJVPBF Datasheet HTML 30Page - Analog Devices LT8650SPJVPBF Datasheet HTML 31Page - Analog Devices LT8650SPJVPBF Datasheet HTML 32Page - Analog Devices LT8650SPJVPBF Datasheet HTML 33Page - Analog Devices LT8650SPJVPBF Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
LT8650SP
34
Rev. B
For more information www.analog.com
 ANALOG DEVICES, INC. 2023
05/23
www.analog.com
RELATED PARTS
PART NUMBER DESCRIPTION
COMMENTS
LT8650S
42V, Dual 4A, 94% Efficiency, 3MHz Synchronous Silent Switcher 2
DC/DC Converter with IQ = 6.2µA
VIN = 3V to 42V, VOUT(MIN) = 0.8V, IQ = 6.2µA, 4x6 LQFN-32
Package
LT8640S
42V, 5A, 95% Efficiency, 2.2MHz Synchronous Silent Switcher 2
Step-Down DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 2.5µA, ISD < 1µA,
4x4 LQFN-24 Package
LT8609S
42V, 2A, 95% Efficiency, 2.2MHz Synchronous Silent Switcher 2
Step-Down DC/DC Converter with IQ = 2.5µA
VIN = 3V to 42V, VOUT(MIN) = 0.8V, IQ = 2.5µA, ISD < 1µA,
3x3 LQFN-16 Package
LT8645S
65V, 7A, 95% Efficiency, 2.2MHz Synchronous Silent Switcher 2
Step-Down DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 65V, VOUT(MIN) = 0.8V, IQ = 2.5µA, ISD < 1µA,
4x6 LQFN-32 Package
LT8609/
LT8609A
42V, 2A, 94% Efficiency, 2.2MHz Synchronous MicroPower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN = 3V to 42V, VOUT(MIN) = 0.8V, IQ = 2.5µA, ISD < 1µA,
MSOP-10E Package
LT8616
42V, Dual 2.5A + 1.5A 95% Efficiency, 3MHz Synchronous MicroPower
Step-Down DC/DC Converter with IQ = 6.5µA
VIN = 3.4V to 42V, VOUT(MIN) = 0.8V, IQ = 6.5µA, ISD < 1µA,
TSSOP-28E, 3x6 QFN-28 Packages
LT8610A/
LT8610AB
42V, 3.5A, 96% Efficiency, 2.2MHz Synchronous MicroPower
Step-Down DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 2.5µA, ISD < 1µA,
MSOP-16E Package
LT8610AC
42V, 3.5A, 96% Efficiency, 2.2MHz Synchronous MicroPower
Step-Down DC/DC Converter with IQ = 2.5µA
VIN = 3V to 42V, VOUT(MIN) = 0.8V, IQ = 2.5µA, ISD < 1µA,
MSOP-16E Package
LT8610
42V, 2.5A, 96% Efficiency, 2.2MHz Synchronous MicroPower
Step-Down DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 2.5µA, ISD < 1µA,
MSOP-16E Package
LT8612
42V, 6A, 96% Efficiency, 2.2MHz Synchronous MicroPower Step-Down
DC/DC Converter with IQ = 2.5µA
VIN = 3.4V to 42V, VOUT(MIN) = 0.97V, IQ = 3.0µA, ISD < 1µA,
3x6 QFN-28 Package
LT8602
42V, Quad Output (2.5A+1.5A+1.5A+1.5A) 95% Efficiency, 2.2MHz
Synchronous MicroPower Step-Down DC/DC Converter with IQ = 25µA
VIN = 3V to 42V, VOUT(MIN) = 0.8V, IQ = 25µA, ISD < 1µA,
6x6 QFN-40 Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com