Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8650SPJVPBF Datasheet(PDF) 22 Page - Analog Devices

Part # LT8650SPJVPBF
Description  Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8650SPJVPBF Datasheet(HTML) 22 Page - Analog Devices

Back Button LT8650SPJVPBF Datasheet HTML 18Page - Analog Devices LT8650SPJVPBF Datasheet HTML 19Page - Analog Devices LT8650SPJVPBF Datasheet HTML 20Page - Analog Devices LT8650SPJVPBF Datasheet HTML 21Page - Analog Devices LT8650SPJVPBF Datasheet HTML 22Page - Analog Devices LT8650SPJVPBF Datasheet HTML 23Page - Analog Devices LT8650SPJVPBF Datasheet HTML 24Page - Analog Devices LT8650SPJVPBF Datasheet HTML 25Page - Analog Devices LT8650SPJVPBF Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
LT8650SP
22
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 5. SS Pin Tracking
Output Voltage Tracking and Soft-Start
TheLT8650SPallowstheusertoprogramitsoutputvoltage
ramp rate with the SS pin. An internal 2μA current pulls
up the SS pin to VCC. Putting an external capacitor on SS
enables soft starting the output to prevent current surge
on the input supply. During the soft-start ramp the output
voltage will proportionally track the SS pin voltage. For
output tracking applications, SS can be externally driven
by another voltage source. From 0V to 0.04V, the SS pin
will stop the corresponding channel from switching, thus
allowing the SS pin to be used as a shutdown pin. From
0.04V to 0.8V, the SS voltage will override the internal
0.8V reference input to the error amplifier, thus regulating
the FB pin voltage to that of SS pin (Figure 5). When SS is
above 0.8V, tracking is disabled and the feedback voltage
will regulate to the internal reference voltage. The SS pin
may be left floating if the function is not needed. Note that
in both Burst Mode and forced continuous mode (FCM)
the LT8650SP will not discharge the output to regulate
to a lower SS voltage. This is achieved by disabling FCM
when the SS voltage is below 2V.
In Burst Mode operation (SYNC low), an active pull-down
circuit is connected to the SS pin which will discharge the
external soft-start capacitor in the case of fault conditions
and restart the ramp when the faults are cleared. Fault
conditions that clear the soft-start capacitor are the cor-
responding EN/UV pin below 0.74V, VIN1 voltage falling
too low, or thermal shutdown.
Output Power Good
When the LT8650SP’s output voltage is within the ±7.5%
window of the regulation point, which is a FB voltage in
the range of 0.74V to 0.86V (typical), the output voltage
is considered good and the open-drain PG pin goes high
impedance and is typically pulled high with an external
resistor. Otherwise, the internal pull-down device will pull
the PG pin low. To prevent glitching both the upper and
lower thresholds include 0.3% of hysteresis.
The PG pin is also actively pulled low during several fault
conditions: corresponding EN/UV pin below 0.74V, VCC
voltage falling too low, VIN1 under voltage, or thermal
shutdown.
Sequencing
Startup sequencing and tracking can be configured in sev-
eral ways with the LT8650SP. One channel can be required
to be valid before enabling the other channel to sequence
their startup order. This can be done by connecting the
PG pin of the first channel to either the EN/UV pin or SS
pin of the second channel. The SS pin of the first channel
can also be connected to the EN/UV pin of the second
channel (see Figure 6).
The channels can also be started at the same time where
the output voltages can track in a ratiometric fashion (see
Figure 6).
Paralleling
To increase the possible output current the two channels
can be connected in parallel to the same output. To do this
the VC, SS, and FB pins of each channel are connected
together, while each channel’s SW node is connected to
the common output through its own inductor. External
compensation network must be used when paralleling
outputs. Figure 7 shows an application where the two
channels of one LT8650SP regulator are combined to get
one output capable of 12A DC with 16A peak transients.
SS VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.2
0.4
0.6
0.8
1.0
8650sp F05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com