Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 292 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 292 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 288Page - STMicroelectronics STM32H742II Datasheet HTML 289Page - STMicroelectronics STM32H742II Datasheet HTML 290Page - STMicroelectronics STM32H742II Datasheet HTML 291Page - STMicroelectronics STM32H742II Datasheet HTML 292Page - STMicroelectronics STM32H742II Datasheet HTML 293Page - STMicroelectronics STM32H742II Datasheet HTML 294Page - STMicroelectronics STM32H742II Datasheet HTML 295Page - STMicroelectronics STM32H742II Datasheet HTML 296Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 357 page
background image
Electrical characteristics (rev V)
STM32H742xI/G STM32H743xI/G
292/357
DS12110 Rev 10
7.3.26
Comparator characteristics
Table 196. COMP characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage
-
1.62
3.3
3.6
V
VIN
Comparator input voltage
range
-0
-
VDDA
VBG
Scaler input voltage
-
(2)
VSC
Scaler offset voltage
-
-
±5
±10
mV
IDDA(SCALER)
Scaler static consumption
from VDDA
BRG_EN=0 (bridge disable)
-
0.2
0.3
µA
BRG_EN=1 (bridge enable)
-
0.8
1
tSTART_SCALER Scaler startup time
-
-
140
250
µs
tSTART
Comparator startup time to
reach propagation delay
specification
High-speed mode
-
2
5
µs
Medium mode
-
5
20
Ultra-low-power mode
-
15
80
tD(3)
Propagation delay for
200 mV step with 100 mV
overdrive
High-speed mode
-
50
80
ns
Medium mode
-
0.5
1.2
µs
Ultra-low-power mode
-
2.5
7
Propagation delay for step
> 200 mV with 100 mV
overdrive only on positive
inputs
High-speed mode
-
50
120
ns
Medium mode
-
0.5
1.2
µs
Ultra-low-power mode
-
2.5
7
Voffset
Comparator offset error
Full common mode range
-
±5
±20
mV
Vhys
Comparator hysteresis
No hysteresis
-
0
-
mV
Low hysteresis
5
10
22
Medium hysteresis
8
20
37
High hysteresis
16
30
52
IDDA(COMP)
Comparator consumption
from VDDA
Ultra-low-
power mode
Static
-
400
600
nA
With 50 kHz
±100 mV overdrive
square signal
-
800
-
Medium mode
Static
-
5
7
µA
With 50 kHz
±100 mV overdrive
square signal
-6
-
High-speed
mode
Static
-
70
100
With 50 kHz
±100 mV overdrive
square signal
-75-
1. Guaranteed by design, unless otherwise specified.
2. Refer to Table 127: Embedded reference voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com