Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 296 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 296 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 292Page - STMicroelectronics STM32H742II Datasheet HTML 293Page - STMicroelectronics STM32H742II Datasheet HTML 294Page - STMicroelectronics STM32H742II Datasheet HTML 295Page - STMicroelectronics STM32H742II Datasheet HTML 296Page - STMicroelectronics STM32H742II Datasheet HTML 297Page - STMicroelectronics STM32H742II Datasheet HTML 298Page - STMicroelectronics STM32H742II Datasheet HTML 299Page - STMicroelectronics STM32H742II Datasheet HTML 300Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 357 page
background image
Electrical characteristics (rev V)
STM32H742xI/G STM32H743xI/G
296/357
DS12110 Rev 10
Table 198. DFSDM measured timing - 1.62-3.6 V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fDFSDMCLK
DFSDM
clock
1.62 < VDD < 3.6 V
-
-
250
MHz
fCKIN
(1/TCKIN)
Input clock
frequency
SPI mode (SITP[1:0]=0,1),
External clock mode (SPICKSEL[1:0]=0),
1.62 < VDD < 3.6 V
--
20
SPI mode (SITP[1:0]=0,1),
External clock mode (SPICKSEL[1:0]=0),
2.7 < VDD < 3.6 V
--
20
SPI mode (SITP[1:0]=0,1),
Internal clock mode (SPICKSEL[1:0]¹0),
1.62 < VDD < 3.6 V
--
20
SPI mode (SITP[1:0]=0,1),
Internal clock mode (SPICKSEL[1:0]¹0),
2.7 < VDD < 3.6 V
--
20
fCKOUT
Output clock
frequency
1.62 < VDD < 3.6 V
-
-
20
DuCyCK
OUT
Output clock
frequency
duty cycle
1.62 < VDD < 3.6 V
Even division,
CKOUTDIV[7:0] =
1, 3, 5...
45
50
55
%
Odd division,
CKOUTDIV[7:0] =
2, 4, 6...
(((n/2+1)/(n+1))
*100)–5
(((n/2+1)/(n+1))
*100)
(((n/2+1)/(n+1))
*100)+5
twh(CKIN)
twl(CKIN)
Input clock
high and low
time
SPI mode (SITP[1:0]=0,1),
External clock mode (SPICKSEL[1:0]=0),
1.62 < VDD < 3.6 V
TCKIN/2-0.5
TCKIN/2
-
ns
tsu
Data input
setup time
SPI mode (SITP[1:0]=0,1),
External clock mode (SPICKSEL[1:0]=0),
1.62 < VDD < 3.6 V
1.5
-
-
th
Data input
hold time
SPI mode (SITP[1:0]=0,1),
External clock mode (SPICKSEL[1:0]=0),
1.62 < VDD < 3.6 V
0.5
-
-
TManchester
Manchester
data period
(recovered
clock period)
Manchester mode (SITP[1:0]=2,3),
Internal clock mode (SPICKSEL[1:0]¹0),
1.62 < VDD < 3.6 V
(CKOUTDIV+1)
* TDFSDMCLK
-
(2*CKOUTDIV)
* TDFSDMCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com