Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 293 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 293 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 289Page - STMicroelectronics STM32H742II Datasheet HTML 290Page - STMicroelectronics STM32H742II Datasheet HTML 291Page - STMicroelectronics STM32H742II Datasheet HTML 292Page - STMicroelectronics STM32H742II Datasheet HTML 293Page - STMicroelectronics STM32H742II Datasheet HTML 294Page - STMicroelectronics STM32H742II Datasheet HTML 295Page - STMicroelectronics STM32H742II Datasheet HTML 296Page - STMicroelectronics STM32H742II Datasheet HTML 297Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 357 page
background image
DS12110 Rev 10
293/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev V)
320
7.3.27
Operational amplifier characteristics
3. Guaranteed by characterization results.
Table 197. Operational amplifier characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage
Range
-2
3.3
3.6
V
CMIR
Common Mode Input
Range
-0
-
VDDA
VIOFFSET
Input offset voltage
25°C, no load on output
-
-
±1.5
mV
All voltages and
temperature, no load
--
±2.5
ΔVIOFFSET
Input offset voltage drift
-
-
±3.0
-
μV/°C
TRIMOFFSETP
TRIMLPOFFSETP
Offset trim step at low
common input voltage
(0.1*VDDA)
--
1.1
1.5
mV
TRIMOFFSETN
TRIMLPOFFSETN
Offset trim step at high
common input voltage
(0.9*VDDA)
--
1.1
1.5
ILOAD
Drive current
-
-
-
500
μA
ILOAD_PGA
Drive current in PGA mode
-
-
-
270
CLOAD
Capacitive load
-
-
-
50
pF
CMRR
Common mode rejection
ratio
--
80
-
dB
PSRR
Power supply rejection
ratio
CLOAD ≤ 50pf /
RLOAD ≥ 4 kΩ(1) at 1 kHz,
Vcom=VDDA/2
50
66
-
dB
GBW
Gain bandwidth for high
supply range
200 mV ≤ Output dynamic
range ≤ VDDA - 200 mV
47.3
12.3
MHz
SR
Slew rate (from 10% and
90% of output voltage)
Normal mode
-
3
-
V/µs
High-speed mode
-
30
-
AO
Open loop gain
200 mV ≤ Output dynamic
range ≤ VDDA - 200 mV
59
90
129
dB
φm
Phase margin
-
-
55
-
°
GM
Gain margin
-
-
12
-
dB
VOHSAT
High saturation voltage
Iload=max or RLOAD=min,
Input at VDDA
VDDA
−100 mV
-
-
mV
VOLSAT
Low saturation voltage
Iload=max or RLOAD=min,
Input at 0 V
-
-
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com