Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 294 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 294 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 290Page - STMicroelectronics STM32H742II Datasheet HTML 291Page - STMicroelectronics STM32H742II Datasheet HTML 292Page - STMicroelectronics STM32H742II Datasheet HTML 293Page - STMicroelectronics STM32H742II Datasheet HTML 294Page - STMicroelectronics STM32H742II Datasheet HTML 295Page - STMicroelectronics STM32H742II Datasheet HTML 296Page - STMicroelectronics STM32H742II Datasheet HTML 297Page - STMicroelectronics STM32H742II Datasheet HTML 298Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 357 page
background image
Electrical characteristics (rev V)
STM32H742xI/G STM32H743xI/G
294/357
DS12110 Rev 10
tWAKEUP
Wake up time from OFF
state
Normal
mode
CLOAD ≤ 50pf,
RLOAD ≥ 4 kΩ,
follower
configuration
-0.8
3.2
µs
High
speed
mode
CLOAD ≤ 50pf,
RLOAD ≥ 4 kΩ,
follower
configuration
-0.9
2.8
PGA gain
Non inverting gain error
value
PGA gain = 2
−1-
1
%
PGA gain = 4
−2-
2
PGA gain = 8
−2.5
-
2.5
PGA gain = 16
−3-
3
Inverting gain error value
PGA gain = 2
−1-
1
PGA gain = 4
−1-
1
PGA gain = 8
−2-
2
PGA gain = 16
−3-
3
External non-inverting gain
error value
PGA gain = 2
−1-
1
PGA gain = 4
−3-
3
PGA gain = 8
−3.5
-
3.5
PGA gain = 16
−4-
4
Rnetwork
R2/R1 internal resistance
values in non-inverting
PGA mode(2)
PGA Gain=2
-
10/10
-
kΩ/
kΩ
PGA Gain=4
-
30/10
-
PGA Gain=8
-
70/10
-
PGA Gain=16
-
150/10
-
R2/R1 internal resistance
values in inverting PGA
mode(2)
PGA Gain = -1
-
10/10
-
PGA Gain = -3
-
30/10
-
PGA Gain = -7
-
70/10
-
PGA Gain = -15
-
150/10
-
Delta R
Resistance variation (R1
or R2)
-
−15
-
15
%
Table 197. Operational amplifier characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com