Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742II Datasheet(PDF) 295 Page - STMicroelectronics

Part # STM32H742II
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742II Datasheet(HTML) 295 Page - STMicroelectronics

Back Button STM32H742II Datasheet HTML 291Page - STMicroelectronics STM32H742II Datasheet HTML 292Page - STMicroelectronics STM32H742II Datasheet HTML 293Page - STMicroelectronics STM32H742II Datasheet HTML 294Page - STMicroelectronics STM32H742II Datasheet HTML 295Page - STMicroelectronics STM32H742II Datasheet HTML 296Page - STMicroelectronics STM32H742II Datasheet HTML 297Page - STMicroelectronics STM32H742II Datasheet HTML 298Page - STMicroelectronics STM32H742II Datasheet HTML 299Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 357 page
background image
DS12110 Rev 10
295/357
STM32H742xI/G STM32H743xI/G
Electrical characteristics (rev V)
320
7.3.28
Digital filter for Sigma-Delta Modulators (DFSDM) characteristics
Unless otherwise specified, the parameters given in Table 198 for DFSDM are derived from
tests performed under the ambient temperature, fPCLKx frequency and supply voltage
conditions summarized in Table 122: General operating conditions.
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load CL = 30 pF
•
Measurement points are done at CMOS levels: 0.5VDD
•
VOS level set to VOS1
Refer to Section 7.3.15: I/O port characteristics for more details on the input/output alternate
function characteristics (DìFSDM_CKINx, DFSDM_DATINx, DFSDM_CKOUT for DFSDM).
PGA BW
PGA bandwidth for
different non inverting gain
Gain=2
-
GBW/2
-
MHz
Gain=4
-
GBW/4
-
Gain=8
-
GBW/8
-
Gain=16
-
GBW/16
-
PGA bandwidth for
different inverting gain
Gain = -1
-
5.00
-
MHz
Gain = -3
-
3.00
-
Gain = -7
-
1.50
-
Gain = -15
-
0.80
-
en
Voltage noise density
at
1 KHz
output loaded
with 4 kΩ
-140
-
nV/√
Hz
at
10 KHz
-55
-
IDDA(OPAMP)
OPAMP consumption from
VDDA
Normal
mode
no Load,
quiescent mode,
follower
-
570
1000
µA
High-
speed
mode
-
610
1200
1.
RLOAD is the resistive load connected to VSSA or to VDDA.
2. R2 is the internal resistance between the OPAMP output and th OPAMP inverting input. R1 is the internal resistance
between the OPAMP inverting input and ground. PGA gain = 1 + R2/R1.
Table 197. Operational amplifier characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com