Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8541XMV-05 Datasheet(PDF) 40 Page - Microchip Technology

Part # VSC8541XMV-05
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-05 Datasheet(HTML) 40 Page - Microchip Technology

Back Button VSC8541XMV-05 Datasheet HTML 36Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 37Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 38Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 39Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 40Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 41Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 42Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 43Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 101 page
background image
Registers
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
31
4.2.1
Mode Control
The device register at memory address 0 controls several aspects of the VSC8541-02 device
functionality. The following table shows the available bit settings in this register and what they control.
26
Interrupt status
27
Reserved
28
Auxiliary control and status
29
LED mode select
30
LED behavior
31
Extended register page access
Table 21 •
Mode Control, Address 0 (0x00)
Bit Name
Access Description
Default
15
Software reset
R/W
Self-clearing. Restores all serial management interface (SMI)
registers to default state, except for sticky and super-sticky
bits.
1: Reset asserted.
0: Reset de-asserted. Wait 1 μs after setting this bit to initiate
another SMI register access.
0
14
Loopback
R/W
1: Loopback enabled.
0: Loopback disabled. When loopback is enabled, the device
functions at the current speed setting and with the current
duplex mode setting (bits 6, 8, and 13 of this register).
0
13
Forced speed selection LSB R/W
Least significant bit. MSB is bit6.
00: 10 Mbps
01: 100 Mbps
10: 1000 Mbps
11: Reserved
0
12
Autonegotiation enable
R/W
1: Autonegotiation enabled.
0: Autonegotiation disabled.
1
11
Power-down
R/W
1: Power down enabled.
0
10
Isolate
R/W
1: Disable MAC interface outputs and ignore MAC interface
inputs.
0
9
Restart autonegotiation
R/W
Self-clearing bit.
1: Restart autonegotiation on media interface.
0
8
Duplex
R/W
1: Full-duplex.
0: Half-duplex.
0
7
Collision test enable
R/W
1: Collision test enabled.
0
6
Forced speed selection MSB R/W
Most significant bit. LSB is bit 13.1
00: 10 Mbps
01: 100 Mbps
10: 1000 Mbps
11: Reserved
1
5:0 Reserved
RO
Reserved.
Table 20 •
Main Registers (continued)
Address Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com