Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8541XMV-05 Datasheet(PDF) 82 Page - Microchip Technology

Part # VSC8541XMV-05
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-05 Datasheet(HTML) 82 Page - Microchip Technology

Back Button VSC8541XMV-05 Datasheet HTML 78Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 79Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 80Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 81Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 82Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 83Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 84Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 85Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 101 page
background image
Electrical Specifications
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
73
Figure 29 •
MII Receive Timing
5.2.11
Uncompensated RGMII
The following table lists the characteristics when using the device in RGMII uncompensated mode. For
more information about the RGMII uncompensated timing, see Figure 30, page 74.
Table 109 •
Uncompensated RGMII AC Characteristics
Parameter
Symbol
Minimum Typical Maximum Unit Condition
Clock frequency
fCLK
125
25
2.5
MHz 1000BASE-T operation
100BASE-TX operation
10BASE-T operation
Duty cycle
DC
40
50
60
%
Data to clock output skew (at
Transmitter)1
1.
When operating in uncompensated mode, the PC board design requires a clock to be routed such that an additional trace delay
of greater than 1.5 ns is added to the associated clock signal.
tSKEWT
–500
500
ps
Data to clock output skew (at
Receiver)1
tSKEWR1
1.8
2.6
ns
TX_CLK switching threshold
VTHRESH
0.75
0.90
1.25
1.65
V
VDDMAC = 1.5 V
VDDMAC = 1.8 V
VDDMAC = 2.5 V
VDDMAC = 3.3 V
Clock/data output rise and fall
times
tR, tF
0.75
ns
VDDMAC = 1.5 V,
27E2.7:5 = 111
VDDMAC = 1.8 V,
27E2.7:5 = 111
VDDMAC = 2.5 V,
27E2.7:5 = 100
VDDMAC = 3.3 V,
27E2.7:5 = 100
RX_CLK
RXD[3:0]
RX_DV
RX_ER
tSU
tH
Valid Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com