Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8541XMV-05 Datasheet(PDF) 60 Page - Microchip Technology

Part # VSC8541XMV-05
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-05 Datasheet(HTML) 60 Page - Microchip Technology

Back Button VSC8541XMV-05 Datasheet HTML 56Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 57Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 58Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 59Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 60Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 61Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 62Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 63Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 101 page
background image
Registers
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
51
4.4.2
EEE Control
The register at address 17E2 consists of the bits that provide additional control over the chip behavior in
energy-efficient Ethernet (IEEE 802.3az-2010) mode for debug.
7:4
10BASE-T signal amplitude trim3
R/W
Sticky bit.
10BASE-T signal amplitude
0000: 0%
0001: 0.9%
0010: 1.8%
0011: 2.7%
0100: 3.6%
0101: 4.5%
0110: 5.4%
0111: 6.1%
1000: –7.2%
1001: –6.3%
1010: –5.4%
1011: –4.5%
1100: –3.6%
1101: –2.7%
1110: –1.8%
1111: –0.9%
1000
3:0
10BASE-Te signal amplitude trim
R/W
Sticky bit.
10BASE-Te signal amplitude
0000: 0%
0001: 0.65%
0010: 1.3%
0011: 1.95%
0100: 2.6%
0101: 3.25%
0110: 3.9%
0111: 4.55%
1000: –5.2%
1001: –4.55%
1010: –3.9%
1011: –3.25%
1100: –2.6%
1101: –1.95%
1110: –1.3%
1111: –0.65%
1110
1.
Changes to 1000BASE-T amplitude may result in unpredictable side effects.
2.
Adjust 100BASE-TX to specific magnetics.
3.
Amplitude is limited by VCC (2.5 V).
Table 59 •
EEE Control, Address 17E2 (0x11)
Bit
Name
Access Description
Default
15
Enable 10BASE-Te
R/W
Sticky bit.
Enable energy efficient (IEEE 802.3az-2010)
10BASE-Te operating mode.
0
14:12 Reserved
RO
Reserved.
Table 58 •
Cu PMD Transmit Control, Address 16E2 (0x10) (continued)
Bit
Name
Access Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com