Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8541XMV-05 Datasheet(PDF) 42 Page - Microchip Technology

Part # VSC8541XMV-05
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541XMV-05 Datasheet(HTML) 42 Page - Microchip Technology

Back Button VSC8541XMV-05 Datasheet HTML 38Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 39Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 40Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 41Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 42Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 43Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 44Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 45Page - Microchip Technology VSC8541XMV-05 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 101 page
background image
Registers
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
33
4.2.4
Auto-Negotiation Advertisement
The bits in address 4 in the main registers space control the ability to notify other devices of the status of
its auto-negotiation feature. The following table shows the available settings and readouts.
4.2.5
Link Partner Auto-Negotiation Capability
The bits in main register 5 can be used to determine if the Cat5 link partner (LP) used with the VSC8541-
02 device is compatible with the auto-negotiation functionality.
Table 25 •
Device Auto-Negotiation Advertisement, Address 4 (0x04)
Bit Name
Access Description
Default
15
Next page transmission request R/W
1: Request enabled
0
14
Reserved
RO
Reserved
13
Transmit remote fault
R/W
1: Enabled
0
12
Reserved
RO
Reserved
11
Advertise asymmetric pause
R/W
1: Advertises asymmetric pause
0
10
Advertise symmetric pause
R/W
1: Advertises symmetric pause
0
9
Advertise100BASE-T4
R/W
1: Advertises 100BASE-T4
0
8
Advertise100BASE-TX FDX
R/W
1: Advertise 100BASE-TX FDX
1
7
Advertise100BASE-TX HDX
R/W
1: Advertises 100BASE-TX HDX 1
6
Advertise10BASE-T FDX
R/W
1: Advertises 10BASE-T FDX
1
5
Advertise10BASE-T HDX
R/W
1: Advertises 10BASE-T HDX
1
4:0 Advertise selector
R/W
00001
Table 26 •
Auto-Negotiation Link Partner Ability, Address 5 (0x05)
Bit Name
Access Description
Default
15
LP next page transmission request RO
1: Requested
0
14
LP acknowledge
RO
1: Acknowledge
0
13
LP remote fault
RO
1: Remote fault
0
12
Reserved
RO
Reserved
11
LP advertise asymmetric pause
RO
1: Capable of asymmetric pause
0
10
LP advertise symmetric pause
RO
1: Capable of symmetric pause
0
9
LP advertise 100BASE-T4
RO
1: Capable of 100BASE-T4
0
8
LP advertise 100BASE-TX FDX
RO
1: Capable of 100BASE-TX FDX 0
7
LP advertise 100BASE-TX HDX
RO
1: Capable of 100BASE-TX HDX 0
6
LP advertise 10BASE-T FDX
RO
1: Capable of 10BASE-T FDX
0
5
LP advertise 10BASE-T HDX
RO
1: Capable of 10BASE-T HDX
0
4:0 LP advertise selector
RO
00000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com